Electronic Components Datasheet Search
  English  ▼

X  

TPJ1209SA Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPJ1209SA
Description  1W 6KVDC Isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ1209SA Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPJ1209SA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ1209SA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ1209SA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPJ Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 2 /3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Units
Rated Power
TA= -40ºC to 85ºC
1
W
Voltage Set Point Accuracy
See tolerance envelopes
Line regulation
High Vin to low Vin
1.2
%/%
Load regulation Single outputs
xx03
11
%
Load regulation Single outputs
0505
8.0
%
Load regulation Single outputs
0509, 0512, 0515
6.0
%
Load regulation Single outputs
12xx
6.0
%
Load regulation
5V output types
10.0
%
Load regulation
9V output types
6.4
%
Load regulation
12V output types
6.4
%
Load regulation
15V output types
6.4
%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
6000
VDC
Resistance
Viso= 1000VDC
1
G
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
Single output
45
kHz
Switching frequency
Dual output
70
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
℃
Storage
-55
130
℃
Case Temperature above ambient
All output types
33
℃
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPE
TOLERANCE ENVELOPE,3.3Vin,3Vout type
1.5
1.0
0.5
0
-40
0
50
100
150
Ambient Temperature(° C)
85° C
Safe Operating Area
Typical Load Lin
e
10
25
50
75
100
-7.5%
+2.5%
-4%
NOM
V
+6%
+10%
Output Load Current(%)
Output Load Current(%)
+9%
+1%
V
NOM
-7%
+1%
-15%
100
75
50
25
10
Typical Load Lin
e
-7%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com