Electronic Components Datasheet Search
  English  ▼

X  

LMC6582 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6582
Description  Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6582 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6582 Datasheet HTML 1Page - National Semiconductor (TI) LMC6582 Datasheet HTML 2Page - National Semiconductor (TI) LMC6582 Datasheet HTML 3Page - National Semiconductor (TI) LMC6582 Datasheet HTML 4Page - National Semiconductor (TI) LMC6582 Datasheet HTML 5Page - National Semiconductor (TI) LMC6582 Datasheet HTML 6Page - National Semiconductor (TI) LMC6582 Datasheet HTML 7Page - National Semiconductor (TI) LMC6582 Datasheet HTML 8Page - National Semiconductor (TI) LMC6582 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMC6582 Dual/LMC6584 Quad
Low Voltage, Rail-To-Rail Input and Output CMOS
Operational Amplifier
General Description
The LMC6582/4 is a high performance operational amplifier
which can operate over a wide range of supply voltages with
guaranteed specifications at 1.8V, 2.2V, 3V, 5V, and 10V.
The LMC6582/4 provides an input common-mode voltage
range that exceeds both supplies. The rail-to-rail output
swing of the amplifier assures maximum dynamic signal
range. This rail-to-rail performance of the amplifier, com-
bined with its high open-loop voltage gain makes it unique
among rail-to-rail CMOS amplifiers. The LMC6582/4 is an
excellent choice for circuits where the input common-mode
voltage range is a concern.
The LMC6582/4 has been designed specifically to improve
system performance in low voltage applications. Guaranteed
operation down to 1.8V means that this family of amplifiers
can operate at the end of discharge (EOD) voltages of sev-
eral popular batteries. The amplifier’s 80 fA input current, 0.5
mV offset voltage, and 82 dB CMRR maintain accuracy in
battery-powered systems.
For a single, dual or quad CMOS amplifier with similar specs
and a powerdown mode, refer to the LMC6681/2/4
datasheet.
Features
(Typical unless otherwise noted)
n Guaranteed Specs at 1.8V, 2.2V, 3V, 5V, 10V
n Rail-to-Rail Input Common-Mode Voltage Range
n Rail-to-Rail Output Swing
(within 10 mV of supply rail, @ V
S = 3V and RL = 10 kΩ)
n CMRR and PSRR:
82 dB
n Ultra Low Input Current:
80 fA
n High Voltage Gain (VS = 3V, RL = 10 kΩ):
120 dB
n Unity Gain Bandwidth:
1.2 MHz
Applications
n Battery Operated Systems
n Sensor Amplifiers
n Portable Communication Devices
n Medical Instrumentation
n Level Detectors, Sample-and-Hold Circuits
n Battery Monitoring
Connection Diagrams
8-Pin DIP/SO
DS012041-1
Top View
14-Pin DIP/SO
DS012041-2
Top View
May 1995
© 1999 National Semiconductor Corporation
DS012041
www.national.com


Similar Part No. - LMC6582

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6572 NSC-LMC6572 Datasheet
429Kb / 13P
Low Voltage (2.7V and 3V) Operational Amplifier
logo
Texas Instruments
LMC6572 TI1-LMC6572 Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572AIM NSC-LMC6572AIM Datasheet
429Kb / 13P
Low Voltage (2.7V and 3V) Operational Amplifier
logo
Texas Instruments
LMC6572AIM/NOPB TI1-LMC6572AIM/NOPB Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
logo
National Semiconductor ...
LMC6572AIMNOPB NSC-LMC6572AIMNOPB Datasheet
1Mb / 22P
LMC6572/LMC6574 Dual and Quad Low Voltage (2.7V and 3V) Operational Amplifier
More results

Similar Description - LMC6582

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484 NSC-LMC6484 Datasheet
973Kb / 22P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com