Electronic Components Datasheet Search
  English  ▼

X  

LMC6582 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6582
Description  Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6582 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMC6582 Datasheet HTML 11Page - National Semiconductor (TI) LMC6582 Datasheet HTML 12Page - National Semiconductor (TI) LMC6582 Datasheet HTML 13Page - National Semiconductor (TI) LMC6582 Datasheet HTML 14Page - National Semiconductor (TI) LMC6582 Datasheet HTML 15Page - National Semiconductor (TI) LMC6582 Datasheet HTML 16Page - National Semiconductor (TI) LMC6582 Datasheet HTML 17Page - National Semiconductor (TI) LMC6582 Datasheet HTML 18Page - National Semiconductor (TI) LMC6582 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Oscillators (Continued)
→ t
1 = 0.27 seconds
and
→t
2 = 0.74 seconds
Then,
z 1Hz
LMC6582/4 as a Comparator
Figure 20 shows the application of the LMC6582/4 as a com-
parator. The hysteresis is determined by the ratio of the two
resistors. Since the supply current of the LMC6582/4 is less
than 1 mA per amplifier, it can be used as a low power com-
parator, in applications where the quiescent current is an im-
portant parameter.
Typical propagation delays @ V
S = 3V would be on the order
of t
PHL = 6 µs, and tPLH = 5 µs.
Filters
The filter shown in
Figure 21 is used to process “voice-band”
signals. The bandpass filter has a flatband gain of 40 dB.
The two corner frequencies, f
1 and f2, are calculated as:
The LMC6582/4, with its rail-to-rail input common mode volt-
age range and high gain (120 dB typical, R
L = 10 kΩ)isex-
tremely well suited for such filter applications. The rail-to-rail
input range allows for large input signals to be processed
without distortion. The high gain means that the circuit can
provide filtering and gain in one stage, instead of the typical
two stage filter. This implies a reduction in cost, and a sav-
ings of space and power.
This is an illustration of a conceptual use of the LMC6582/4.
The selectivity of the filter can be improved by increasing the
order (number of poles) of the design.
Sample-and-Hold Circuits
When the “switch” is closed during the sample interval,
C
HOLD charges up to the value of the input signal. When the
“switch” is open, C
HOLD retains this value as it is buffered by
the high input impedance of the LMC6582/4.
Errors in the “hold” voltage are caused by the input current of
the amplifier, the leakage current of the CD4066, and the
leakage current of the capacitor. While an input current of 80
fA minimizes the accumulation rate for error in the circuit, the
LMC6582/4’s CMRR of 82 dB allows excellent accuracy
throughout the amplifier’s rail-to-rail dynamic capture range.
Battery Monitoring Circuit
DS012041-28
FIGURE 20. Comparator with Hysteresis
DS012041-29
FIGURE 21. Wide-Band Band-Pass Filter
DS012041-31
FIGURE 22. Sample-and-Hold Application
DS012041-33
FIGURE 23. Circuit Used to Sense Charging.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com