Electronic Components Datasheet Search
  English  ▼

X  

MDATA2 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MDATA2
Description  FM3 MB9B100 Series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MDATA2 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MDATA2 Datasheet HTML 1Page - fujitsu semiconductor MDATA2 Datasheet HTML 2Page - fujitsu semiconductor MDATA2 Datasheet HTML 3Page - fujitsu semiconductor MDATA2 Datasheet HTML 4Page - fujitsu semiconductor MDATA2 Datasheet HTML 5Page - fujitsu semiconductor MDATA2 Datasheet HTML 6Page - fujitsu semiconductor MDATA2 Datasheet HTML 7Page - fujitsu semiconductor MDATA2 Datasheet HTML 8Page - fujitsu semiconductor MDATA2 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MB9B100 Series
Multi-function Timer (Max. 2unit)
The Multi-function timer is composed of the following blocks.
・
16-bit free-run timer × 3ch/unit
・
Input capture × 4ch/unit
・
Output compare × 6ch/unit
・
A/D activating compare × 3ch/unit
・
Waveform generator × 3ch/unit
・
16-bit PPG timer × 3ch/unit
The following function can be used to achieve the motor control.
・
PWM signal output function
・
DC chopper waveform output function
・
Dead time function
・
Input capture function
・
A/D convertor activate function
・
DTIF (Motor emergency stop) interrupt function
Quadrature Position/Revolution Counter (QPRC) (Max. 2unit)
The Quadrature Position/Revolution Counter (QPRC) is used to measure the position of the position
encoder. Moreover, it is possible to use up/down counter.
・
The detection edge of the three external event input pins AIN, BIN and ZIN is configurable.
・
16-bit position counter
・
16-bit revolution counter
・
Two 16-bit compare registers
Dual Timer (Two 32/16bit Down Counter)
The Dual Timer consists of two programmable 32/16-bit down counters.
Operation mode is selectable from the followings for each channel.
・
Free-running
・
Periodic (=Reload)
・
One-shot
Watch Counter
The Watch counter is used for wake up from power saving mode.
・
Interval timer: up to 64s(Max.)@ Sub Clock : 32.768kHz
External Interrupt Controller Unit
・
Up to 16 external vectors
・
Include one non-maskable interrupt(NMI)
Watch dog Timer (2channels)
A watchdog timer can generate interrupts or a reset when a time-out value is reached.
MB9B100 series consists of two different watchdogs, a "Hardware" watchdog and a "Software" watchdog.
"Hardware" watchdog timer is clocked by low speed CR oscillator. Therefore,”Hardware" watchdog is
active in any power saving mode except STOP.
4
FUJITSU SEMICONDUCTOR CONFIDENTIAL
r2.1
DS706-00007-1v0-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com