Electronic Components Datasheet Search
  English  ▼

X  

IXTT10P50 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTT10P50
Description  Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT10P50 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTT10P50 Datasheet HTML 1Page - IXYS Corporation IXTT10P50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXTH/IXTT 10P50
IXTH/IXTT 11P50
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS = -10 V; ID = ID25, pulse test
5
9
S
C
iss
4700
pF
C
oss
V
GS
= 0 V, V
DS = -25 V, f = 1 MHz
430
pF
C
rss
135
pF
t
d(on)
33
ns
t
r
V
GS
= -10 V, V
DS = 0.5 VDSS, ID = 0.5 ID25
27
ns
t
d(off)
R
G = 4.7 Ω (External)
35
ns
t
f
35
ns
Q
g(on)
160
nC
Q
gs
V
GS
= -10 V, V
DS = 0.5 VDSS, ID = 0.5 ID25
46
nC
Q
gd
92
nC
R
thJC
0.42
K/W
R
thCS
(TO-247)
0.25
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0
10P50
-10
A
11P50
-11
A
I
SM
Repetitive; pulse width limited by T
JM
10P50
-40
A
11P50
-44
A
V
SD
I
F = IS, VGS = 0 V,
-3
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
I
F = IS, di/dt = 100 A/µs
500
ns
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-247 AD Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
TO-268 Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com