Electronic Components Datasheet Search
  English  ▼

X  

IXTT10P50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTT10P50
Description  Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT10P50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTT10P50 Datasheet HTML 1Page - IXYS Corporation IXTT10P50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
-500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
-500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
10P50
-10
A
11P50
-11
A
I
DM
T
C = 25°C, pulse width limited by TJ
10P50
-40
A
11P50
-44
A
I
AR
T
C = 25°C
10P50
-10
A
11P50
-11
A
E
AR
T
C = 25°C30
mJ
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque
(TO-247)
1.13/10 Nm/lb.in.
Weight
TO-247 AD
6
g
TO-268
4
g
Standard Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = -250 µA
-500
V
BV
DSS Temperature Coefficient
0.054
%/K
V
GS(th)
V
DS = VGS, ID = -250 µA
-3.0
-5.0
V
V
GS(th) Temperature Coefficient
-0.122
%/K
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8 • VDSS
T
J =25° C
-200
µA
V
GS = 0 V
T
J = 125°C-1
mA
R
DS(on)
V
GS = -10 V, ID = 0.5 • ID25
10P50
0.90
Ω
11P50
0.75
Ω
R
DS(on) Temperature Coefficient
0.6 %/K
94535F (7/02)
TO-247 AD (IXTH)
G = Gate
D = Drain
S = Source
TAB = Drain
TO-268 (IXTT) Case Style
(TAB)
G
S
Features
International standard packages
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
D
V
DSS
I
D25
R
DS(on)
IXTH/IXTT 10P50
-500 V -10 A 0.90
Ω
IXTH/IXTT 11P50
-500 V -11 A 0.75
Ω
(TAB)
D


Similar Part No. - IXTT10P50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTT10P50 ISC-IXTT10P50 Datasheet
382Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - IXTT10P50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH7P50 IXYS-IXTH7P50 Datasheet
75Kb / 2P
Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated
IXTH26P20P IXYS-IXTH26P20P Datasheet
190Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTA76P10T IXYS-IXTA76P10T Datasheet
222Kb / 2P
P-Channel Enhancement Mode Avalanche Rated
IXTR48P20P IXYS-IXTR48P20P Datasheet
131Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTR32P60P IXYS-IXTR32P60P Datasheet
123Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTQ52P10P IXYS-IXTQ52P10P Datasheet
187Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTQ14N60P IXYS-IXTQ14N60P Datasheet
166Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTT20P50P IXYS-IXTT20P50P Datasheet
134Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTH48P20P IXYS-IXTH48P20P Datasheet
138Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTN90P20P IXYS-IXTN90P20P Datasheet
126Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com