Electronic Components Datasheet Search
  English  ▼

X  

FREQ Datasheet(PDF) 51 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 51 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 47Page - fujitsu semiconductor FREQ Datasheet HTML 48Page - fujitsu semiconductor FREQ Datasheet HTML 49Page - fujitsu semiconductor FREQ Datasheet HTML 50Page - fujitsu semiconductor FREQ Datasheet HTML 51Page - fujitsu semiconductor FREQ Datasheet HTML 52Page - fujitsu semiconductor FREQ Datasheet HTML 53Page - fujitsu semiconductor FREQ Datasheet HTML 54Page - fujitsu semiconductor FREQ Datasheet HTML 55Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
51
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
PACKAGE DIMENSIONS
24-pin plastic TSSOP
Lead pitch
0.50 mm
Package width ×
package length
4.40 mm × 6.50 mm
Lead shape
Gullwing
Sealing method
Pl asti c mold
Mounting height
1.20 mm MAX
Weight
0.08 g
24-pin plastic TSSOP
(FPT-24P-M09)
(FPT-24P-M09)
C
2007-2010 FUJITSU SEMICONDUCTOR LIMITED F24032S-c-2-5
6.50± 0.10 (.256±. 004)
#
4.40± 0.10 6.40± 0.20
(.252±. 008)
(.173±. 004)
#
0.10± 0.05
(Mounting height)
0.10(.004)
0.50(.020)
1
12
24
13
"A"
(Stand off)
0.145± 0.045
(.0057±. 0018)
M
0.13(.005)
Details of "A" part
0~8°
(.024±. 006)
0.60± 0.15
INDEX
(.004±. 002)
BTM E-MARK
1.10
+0.10
+.004
–0.15
–.006
.043
0.20
+0.07
+.003
–0.02
–.001
.008
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) Pins width and pins thickness include plating thickness.
Note 2) Pins width do not include tie bar cutting remainder.
Note 3) #: These dimensions do not include resin protrusion.
Please check the latest package dimension at the following URL.
http://edevice.fujitsu.com/package/en-search/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com