Electronic Components Datasheet Search
  English  ▼

X  

FREQ Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 13Page - fujitsu semiconductor FREQ Datasheet HTML 14Page - fujitsu semiconductor FREQ Datasheet HTML 15Page - fujitsu semiconductor FREQ Datasheet HTML 16Page - fujitsu semiconductor FREQ Datasheet HTML 17Page - fujitsu semiconductor FREQ Datasheet HTML 18Page - fujitsu semiconductor FREQ Datasheet HTML 19Page - fujitsu semiconductor FREQ Datasheet HTML 20Page - fujitsu semiconductor FREQ Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
17
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
(7) Over Current Limitation (ILIM)
This function limits the output current when it has increased, and protects devices connected to the output.
This function detects the inductor current IL from the electromotive force of the low-side FET on-resistance
RON, and compares this voltage with the 1/5-time value of the voltage VILIM of the ILIM1 pin (pin 20) and
ILIM2 pin (pin 16) on a cyclically, using ILIM Comp. Until this voltage falls below the over current limit
value, the high-side FET is held in the off state. After the voltage has fallen below the limit value, the
high-side FET is placed into the on state. This limits the lower bound of the inductor current and also
restricts the over current. As a result, it becomes operation that the output voltage droops.
The over current limit value is set by connecting the resistor to the ILIM pin. The ILIM pin supplies the
constant current of 5 µA (Typ) . However, the current value has a temperature slope up to 4500 ppm/°C to
compensate the temperature dependence characteristics of the low-side FET on-resistance.
IL
VOUT
DRVH
DRVL
(IOUT1
)
Output voltage setting value
Keep the off state of the high-side FET
until the detection value is gained.
Over current limit operation
Normal operation
VILIM
ILIM detection value (RON × IL =
5
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com