Electronic Components Datasheet Search
  English  ▼

X  

TPS65013 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65013
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65013 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS65013 Datasheet HTML 34Page - Texas Instruments TPS65013 Datasheet HTML 35Page - Texas Instruments TPS65013 Datasheet HTML 36Page - Texas Instruments TPS65013 Datasheet HTML 37Page - Texas Instruments TPS65013 Datasheet HTML 38Page - Texas Instruments TPS65013 Datasheet HTML 39Page - Texas Instruments TPS65013 Datasheet HTML 40Page - Texas Instruments TPS65013 Datasheet HTML 41Page - Texas Instruments TPS65013 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
www.ti.com
TPS65013
SLVS517 – AUGUST 2004
Interrupt events are always captured; thus when an interrupt source is unmasked, INT may immediately go active
due to a previous interrupt condition. This can be prevented by first reading the relevant STATUS register before
unmasking the interrupt source.
If an interrupt condition occurs, then the INT pin is set low. The CHGSTATUS, REGSTATUS, and DEFGPIO
registers should be read. Bit positions containing a 1 (or possibly a 0 in DEFGPIO) are noted by the CPU and the
corresponding situation resolved. The reading of the CHGSTATUS and REGSTATUS registers automatically
acknowledges any interrupt condition in those registers and blocks the path to the INT pin from the relevant
bit(s). No interrupt should be missed during the read process because this process starts by latching the contents
of the register before shifting them out at SDAT. Once the contents have been latched (takes a couple of
nanoseconds), the register is free to capture new interrupt conditions. Hence, the probability of missing anything
is, for practical purposes, zero.
The following describes how registers 0x01 (CHGSTATUS) and 0x02 (REGSTATUS) are handled:
•
CHGSTATUS(5,0) are positive edge set. Read of set CHGSTATUS(5,0) bits sets ACKINT1(5,0) bits.
•
CHGSTATUS(7-6,4-1) are level set. Read of set CHGSTATUS(7-6,4-1) bits sets ACKINT1(7-6,4-1) bits.
•
CHGSTATUS(5,0) clear when input signal low, and ACKINT1(5,0) bits are already set.
•
CHGSTATUS(7-6,4-1) clear when input signal is low.
•
ACKINT1(7-0) clear when CHGSTATUS(7-0) is clear.
•
REGSTATUS(7-5) are positive edge set. Read of set REGSTATUS(7-5) bits sets ACKINT2(7-5) bits.
•
REGSTATUS(3-0) are level set. Read of set REGSTATUS(3-0) bits sets ACKINT2(3-0) bits.
•
REGSTATUS(7-5) clear when input signal low, and ACKINT1(7-5) bit are already set.
•
REGSTATUS(3-0) clear when input signal is low.
•
ACKINT2(7-0) clear when REGSTATUS(7-0) is clear.
The following describes the function of the 0x05 (ACKINT1) and 0x06 (ACKINT2) registers. These are not
usually written to by the CPU because the TPS65013 internally sets/clears these registers:
•
ACKINT1(7:0) - Bit is set when the corresponding CHGSTATUS set bit is read via I2C.
•
ACKINT1(7:0) - Bit is cleared when the corresponding CHGSTATUS set bit clears.
•
ACKINT2(7:0) - Bit is set when the corresponding REGSTATUS set bit is read via I2C.
•
ACKINT2(7:0) - Bit is cleared when the corresponding REGSTATUS set bit clears.
•
ACKINT1(7:0) - a bit set masks the corresponding CHGSTATUS bit from INT.
•
ACKINT2(7:0) - a bit set masks the corresponding REGSTATUS bit from INT.
The following describes the function of the 0x03 (MASK1), 0x04 (MASK2) and 0x0F (MASK3) registers:
•
MASK1(7:0) - a bit set in this register masks CHGSTATUS from INT.
•
MASK2(7:0) - a bit set in this register masks REGSTATUS from INT.
•
MASK3(7:4) - a bit set in this register detects a rising edge on GPIO.
•
MASK3(7:4) - a bit cleared in this register detects a falling edge on GPIO.
•
MASK3(3:0) - a bit set in this register clears GPIO Detect signal from INT.
GPIO interrupts are located by reading the 0x10 (DEFGPIO) register. The application CPU stores, or can read
from DEFGPIO<7:4>, which GPIO is set to input or output. This information together with the information on
which edge the interrupt was generated (the CPU either knows this or can read it from MASK3<7:4>) determines
whether the CPU is looking for a 0 or a 1 in DEFGPIO<3:0>. A GPIO interrupt is blocked from the INT pin by
setting the relevant MASK3<3:0> bit; this must be done by the CPU, there is no auto-acknowledge for the GPIO
interrupts.
To flag the removal of the charger to the applications processor, a feature is implemented into the TPS65013. As
soon as both of the input voltages at AC and USB are removed, the TPS65013 sets the internal bit NO_CH in
REGSTATUS<4>=1. If the charger is removed from its supply voltage, this bit can be used to generate an
interrupt by setting the mask bit in MASK2<4>=0.
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com