Electronic Components Datasheet Search
  English  ▼

X  

TPS65013 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65013
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65013 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TPS65013 Datasheet HTML 42Page - Texas Instruments TPS65013 Datasheet HTML 43Page - Texas Instruments TPS65013 Datasheet HTML 44Page - Texas Instruments TPS65013 Datasheet HTML 45Page - Texas Instruments TPS65013 Datasheet HTML 46Page - Texas Instruments TPS65013 Datasheet HTML 47Page - Texas Instruments TPS65013 Datasheet HTML 48Page - Texas Instruments TPS65013 Datasheet HTML 49Page - Texas Instruments TPS65013 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
www.ti.com
VDCDC2 Register (Address: 0Dh—Default Value: 48h/78h)
TPS65013
SLVS517 – AUGUST 2004
Bit 6-Bit 5 - UVLO<1:0>: The undervoltage threshold voltage is set by UVLO1 and UVLO0 according to the
following table, with the default value in bold.
UVLO1
UVLO0
VUVLO
0
0
2.5 V
0
1
2.75 V
1
0
3.0 V
1
1
3.25 V
Bit 4 - ENABLE SUPPLY (selects between LOW-POWER mode and WAIT mode):
•
0 = WAIT mode allowed, activated when LOW_PWR pin = 1 and VDCDC1 < 3 >= 1.
•
1 = The TPS65013 enters LOW-POWER mode when LOW_PWR pin = 1 and VDCDC1 < 3 >= 1.
Bit 3 - ENABLE LP:
•
0 = disables the low-power function of the LOW_PWR pin.
•
1 = enables the low-power function of the LOW_PWR pin.
Bit 2 - MAIN DISCHARGE:
•
0 = disable the active discharge of the VMAIN converter output.
•
1 = enable the active discharge of the VMAIN converter output, when the converter is disabled (i.e., in WAIT
mode).
Bit 1-Bit 0 - MAIN<1:0>: The VMAIN converter output voltages are set according to the following table, with the
default values in bold set by the DEFMAIN pin. The default voltage can subsequently be over written via the
serial interface after start-up.
MAIN1
MAIN0
VMAIN
0
0
3.0 V
0
1
2.75 V
1
0
1.8 V
1
1
3.3 V
VDCDC2
B7
B6
B5
B4
B3
B2
B1
B0
CORE
Bit name
LP_COREOFF
CORE2
CORE1
CORE0
CORELP0
CORELP1
VIB
DISCHARGE
Default
0
1
DEFCORE
DEFCORE
1
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The VDCDC2 register is used to program the VCORE switching converter output voltage. It is programmable in 8
steps between 0.85 V and 1.6 V. The default value is governed by the DEFCORE pin; DEFCORE=0 sets an
output voltage of 1.3 V. DEFCORE=1 sets an output voltage of 1.6 V.
Bit 7 - LP_COREOFF:
•
0 = VCORE converter is enabled in low-power mode.
•
1 = VCORE converter is disabled in low-power mode.
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com