Electronic Components Datasheet Search
  English  ▼

X  

TPS64201DBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64201DBVR
Description  SOT23 STEP DOWN CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64201DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS64201DBVR Datasheet HTML 13Page - Texas Instruments TPS64201DBVR Datasheet HTML 14Page - Texas Instruments TPS64201DBVR Datasheet HTML 15Page - Texas Instruments TPS64201DBVR Datasheet HTML 16Page - Texas Instruments TPS64201DBVR Datasheet HTML 17Page - Texas Instruments TPS64201DBVR Datasheet HTML 18Page - Texas Instruments TPS64201DBVR Datasheet HTML 19Page - Texas Instruments TPS64201DBVR Datasheet HTML 20Page - Texas Instruments TPS64201DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
17
DESIGN EXAMPLE FOR AN APPLICATION USING A LI-ION CELL (3.3 V TO 4.2 V) TO
GENERATE 3.3 V/500 mA
1.
Calculate the sense resistor for the current limit:
R
(ISENSE) v
V
(ISENSE)
min
1.3
I
O
+
90 mV
1.3
0.5 A
+ 138 mW
(18)
Choose the next lower standard value : R(ISENSE) = 120 mΩ. Verify the inductor current ripple after the inductor
has been determined in step 5.
If the rDS(on) of the PMOS is used to sense the inductor current, a PMOS with less than 138 mΩ must be used
for the application.
2.
Calculate the resistors for the output voltage divider using VO = 3.3 V and VFB = 1.21 V
R1
+ R2
V
O
V
FB
–R2
+ 1.72
R2
(19)
Choose R2 = 360 k
Ω, and then get R1 = 619 kΩ. Select the next standard value: R1 = 620 kΩ
3.
Select the external PMOS
For a Li-Ion to 3.3-V conversion, the minimum input voltage is 3.3 V. Therefore, the converter runs in 100%
mode (duty cycle=1) and the maximum PMOS current is equal to the output current.
I
(PMOS) +
I
O +
0.5 A
(20)
The Si2301ADS is selected for this application because it meets the requirements when an external sense
resistor is used. Otherwise a PMOS with less rDS(on) must be selected.
Verify the maximum power dissipation of the PMOS using:
P
(cond) +
I
O
2
r
DS(on) +
(0.5 A)2
0.19
W + 48 mW
(21)
4.
Select the external diode
For the Schottky diode, the worst case current is at high input voltage (4.2 V for a Li-Ion cell).
I
(diode)(Avg) [
I
O
1–
V
O
V
I
+ I
O
1– 3.3 V
4.2 V
+ 0.11 A
(22)
The MBR0530T1 is selected because it meets the voltage and current requirements. The forward voltage is
about 0.3 V. Do not use a Schottky diode which is much larger than required as it also typically has more leakage
current and capacitance which reduces efficiency.
5.
Calculate the inductor value.
If the output voltage is close to the input voltage, the switching frequency is determined by the minimum off-time.
Therefore, the TPS64202 is used for the maximum switching frequency possible. Allow an inductor ripple
current of 0.3
× IO for the application. For the inductor, a series resistance of 100 mΩ is assumed.
For minimum-off-time, the inductor value is:
L
+
V
O )
V
(SCHOTTKY) )
R
RL
I
O
t
off
,min
DI
+
(3.3 V
) 0.3 V ) 0.05 V)
0.3
ms
0.3
0.5 A
+ 7.3 mH
(23)
For a low inductor current ripple, select the next available larger inductor with L = 10
µH. This provides an
inductor ripple current of 110 mA (peak-to-peak).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com