Electronic Components Datasheet Search
  English  ▼

X  

LINR8 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # LINR8
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR8 Datasheet(HTML) 4 Page - fujitsu semiconductor

  LINR8 Datasheet HTML 1Page - fujitsu semiconductor LINR8 Datasheet HTML 2Page - fujitsu semiconductor LINR8 Datasheet HTML 3Page - fujitsu semiconductor LINR8 Datasheet HTML 4Page - fujitsu semiconductor LINR8 Datasheet HTML 5Page - fujitsu semiconductor LINR8 Datasheet HTML 6Page - fujitsu semiconductor LINR8 Datasheet HTML 7Page - fujitsu semiconductor LINR8 Datasheet HTML 8Page - fujitsu semiconductor LINR8 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
MB96320 Series
4
FME-MB96320 rev 7
Real Time Clock
•
Can be clocked either from sub oscillator (devices with part number suffix “W”), main
oscillator or from the RC oscillator
•
Facility to correct oscillation deviation of Sub clock or RC oscillator clock (clock
calibration)
•
Read/write accessible second/minute/hour registers
•
Can signal interrupts every half second/second/minute/hour/day
•
Internal clock divider and prescaler provide exact 1s clock
External Interrupts
•
Edge sensitive or level sensitive
•
Interrupt mask and pending bit per channel
•
Each available CAN channel RX has an external interrupt for wake-up
•
Selected USART channels SIN have an external interrupt for wake-up
Non Maskable Interrupt
•
Disabled after reset
•
Once enabled, can not be disabled other than by reset.
•
Level high or level low sensitive
•
Pin shared with external interrupt 0.
External bus interface
•
8-bit or 16-bit bidirectional data
•
Up to 24-bit addresses
•
6 chip select signals
•
Multiplexed address/data lines
•
Wait state request
•
External bus master possible
•
Timing programmable
I/O Ports
•
Virtually all external pins can be used as general purpose I/O
•
All push-pull outputs (except when used as I2C SDA/SCL line)
•
Bit-wise programmable as input/output or peripheral signal
•
Bit-wise programmable input enable
•
Bit-wise programmable input levels: Automotive / CMOS-Schmitt trigger / TTL
•
Bit-wise programmable pull-up resistor
•
Bit-wise programmable output driving strength for EMI optimization
Package
•
80-pin plastic LQFP
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com