Electronic Components Datasheet Search
  English  ▼

X  

LINR8 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # LINR8
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR8 Datasheet(HTML) 1 Page - fujitsu semiconductor

  LINR8 Datasheet HTML 1Page - fujitsu semiconductor LINR8 Datasheet HTML 2Page - fujitsu semiconductor LINR8 Datasheet HTML 3Page - fujitsu semiconductor LINR8 Datasheet HTML 4Page - fujitsu semiconductor LINR8 Datasheet HTML 5Page - fujitsu semiconductor LINR8 Datasheet HTML 6Page - fujitsu semiconductor LINR8 Datasheet HTML 7Page - fujitsu semiconductor LINR8 Datasheet HTML 8Page - fujitsu semiconductor LINR8 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
FME-MB96320 rev 7
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2008 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2010.6
For the information for microcontroller supports, see the following web site.
This web site includes the "Customer Design Review Supplement" which provides the latest cautions on
system development and the minimal requirements to be checked to prevent problems before the system
development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontroller
CMOS
F2MC-16FX MB96320 Series
MB96F326
■ DESCRIPTION
MB96320 series is based on Fujitsu’s advanced 16FX architecture (16-bit with instruction pipeline for RISC-like
performance). The CPU uses the same instruction set as the established 16LX series - thus allowing for easy
migration of 16LX Software to the new 16FX products. 16FX improvements compared to the previous generation
include significantly improved performance - even at the same operation frequency, reduced power consumption
and faster start-up time.
For highest processing speed at optimized power consumption an internal PLL can be selected to supply the
CPU with up to 56MHz operation frequency from an external 4MHz resonator. The result is a minimum instruction
cycle time of 17.8ns going together with excellent EMI behavior. An on-chip clock modulation circuit significantly
reduces emission peaks in the frequency spectrum. The emitted power is minimized by the on-chip voltage
regulator that reduces the internal CPU voltage. A flexible clock tree allows to select suitable operation frequencies
for peripheral resources independent of the CPU speed.
Note: F2MC is the abbreviation of Fujitsu Flexible Microcontroller


Similar Part No. - LINR8

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
LIN ZFSWITCHES-LIN Datasheet
405Kb / 2P
Thin, programmable, non-contact magnetic position sensors with dual outputs available
LIN-11HAW1 ZFSWITCHES-LIN-11HAW1 Datasheet
405Kb / 2P
Thin, programmable, non-contact magnetic position sensors with dual outputs available
LIN-21HAW1 ZFSWITCHES-LIN-21HAW1 Datasheet
405Kb / 2P
Thin, programmable, non-contact magnetic position sensors with dual outputs available
logo
LightGraphix
LINE 11-LT1400 LIGHTGRAPHIX-LINE 11-LT1400 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
LINE 11-LT500 LIGHTGRAPHIX-LINE 11-LT500 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
More results

Similar Description - LINR8

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com