Electronic Components Datasheet Search
  English  ▼

X  

LMC6484IM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6484IM
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6484IM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMC6484IM Datasheet HTML 11Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 12Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 13Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 14Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 15Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 16Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 17Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 18Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Application Information (Continued)
7.0 Offset Voltage Adjustment
Offset voltage adjustment circuits are illustrated in
Figures
13, 14. Large value resistances and potentiometers are used
to reduce power consumption while providing typically ±2.5
mV of adjustment range, referred to the input, for both con-
figurations with V
S = ±5V.
8.0 Upgrading Applications
The LMC6484 quads and LMC6482 duals have industry
standard pin outs to retrofit existing applications. System
performance can be greatly increased by the LMC6484’s
features. The key benefit of designing in the LMC6484 is in-
creased linear signal range. Most op-amps have limited in-
put common mode ranges. Signals that exceed this range
generate a non-linear output response that persists long af-
ter the input signal returns to the common mode range.
Linear signal range is vital in applications such as filters
where signal peaking can exceed input common mode
ranges resulting in output phase inversion or severe distor-
tion.
9.0 Data Acquisition Systems
Low power, single supply data acquisition system solutions
are provided by buffering the ADC12038 with the LMC6484
(
Figure 14). Capable of using the full supply range, the
LMC6484 does not require input signals to be scaled down
to meet limited common mode voltage ranges. The
LMC6484 CMRR of 82 dB maintains integral linearity of a
12-bit data acquisition system to ±0.325 LSB. Other
rail-to-rail input amplifiers with only 50 dB of CMRR will de-
grade the accuracy of the data acquisition system to only 8
bits.
DS011714-25
FIGURE 12. Inverting Configuration
Offset Voltage Adjustment
DS011714-26
FIGURE 13. Non-Inverting Configuration
Offset Voltage Adjustment
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com