Electronic Components Datasheet Search
  English  ▼

X  

LMC6484IM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6484IM
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6484IM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMC6484IM Datasheet HTML 13Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 14Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 15Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 16Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 17Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 18Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 19Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 20Page - National Semiconductor (TI) LMC6484IM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information (Continued)
for offset voltage, CMRR and gain. Low cost and low power
consumption are the main advantages of this two op-amp
circuit.
Higher frequency and larger common-mode range applica-
tions are best facilitated by a three op-amp instrumentation
amplifier.
11.0 Spice Macromodel
A spice macromodel is available for the LMC6484. This
model includes accurate simulation of:
•
input common-mode voltage range
•
frequency and transient response
•
GBW dependence on loading conditions
•
quiescent and dynamic supply current
•
output swing dependence on loading conditions
and many more characteristics as listed on the macromodel
disk.
Contact your local National Semiconductor sales office to
obtain an operational amplifier spice model library disk.
Typical Single-Supply Applications
The circuit in
Figure 17 use a single supply to half wave rec-
tify a sinusoid centered about ground. R
I limits current into
the amplifier caused by the input voltage exceeding the sup-
ply voltage. Full wave rectification is provided by the circuit in
Figure 19.
DS011714-30
FIGURE 16. Low-Power Two-Op-Amp Instrumentation Amplifier
DS011714-31
FIGURE 17. Half-Wave Rectifier with
Input Current Protection (RI)
DS011714-32
FIGURE 18. Half-Wave Rectifier Waveform
DS011714-33
FIGURE 19. Full Wave Rectifier
with Input Current Protection (R
I)
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com