Electronic Components Datasheet Search
  English  ▼

X  

SIP32408 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP32408
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32408 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP32408 Datasheet HTML 1Page - Vishay Siliconix SIP32408 Datasheet HTML 2Page - Vishay Siliconix SIP32408 Datasheet HTML 3Page - Vishay Siliconix SIP32408 Datasheet HTML 4Page - Vishay Siliconix SIP32408 Datasheet HTML 5Page - Vishay Siliconix SIP32408 Datasheet HTML 6Page - Vishay Siliconix SIP32408 Datasheet HTML 7Page - Vishay Siliconix SIP32408 Datasheet HTML 8Page - Vishay Siliconix SIP32408 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 63717
S13-0971-Rev. F, 06-May-13
www.vishay.com
5
Vishay Siliconix
SiP32408, SiP32409
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Figure 6 - Off Supply Current vs. Input Voltage
Figure 7 - Off Supply Current vs. Input Voltage
Figure 8 - Off Switch Current vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V
IN (V)
SiP32408
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
SiP32409
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
11.5
22.5
33.5
44.5
55.5
V
IN (V)
Figure 9 - Off Supply Current vs. Temperature
Figure 10 - Off Supply Current vs. Temperature
Figure 11 - Off Switch Current vs. Temperature
0.0001
0.001
0.01
0.1
1
10
100
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 1.2 V
V
IN = 3.6 V
V
IN = 5 V
SiP32408
0.001
0.01
0.1
1
10
100
1000
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
SiP32409
V
IN = 1.2 V
V
IN = 3.6 V
V
IN = 5 V
0.001
0.01
0.1
1
10
100
1000
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 5 V
V
IN = 3.6 V
V
IN = 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com