Electronic Components Datasheet Search
  English  ▼

X  

SIP32408 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32408
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32408 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32408 Datasheet HTML 1Page - Vishay Siliconix SIP32408 Datasheet HTML 2Page - Vishay Siliconix SIP32408 Datasheet HTML 3Page - Vishay Siliconix SIP32408 Datasheet HTML 4Page - Vishay Siliconix SIP32408 Datasheet HTML 5Page - Vishay Siliconix SIP32408 Datasheet HTML 6Page - Vishay Siliconix SIP32408 Datasheet HTML 7Page - Vishay Siliconix SIP32408 Datasheet HTML 8Page - Vishay Siliconix SIP32408 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
SiP32408, SiP32409
Document Number: 63717
S13-0971-Rev. F, 06-May-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
DESCRIPTION
SiP32408 and SiP32409 are slew rate controlled load
switches designed for 1.1 V to 5.5 V operation.
These devices guarantee low switch on-resistance at 1.2 V
input. They feature a controlled soft-on slew rate of typical
2.5 ms that limits the inrush current for designs of heavy
capacitive load and minimizes the resulting voltage droop at
the power rails.
SiP32408 and SiP32409 feature a low voltage control logic
interface (On/Off interface) that can interface with low voltage
control signals without extra level shifting circuit.
Both SiP32408 and SiP32409 have exceptionally low
shutdown current and provide reverse blocking to prevent
high current flowing into the power source.
SiP32409 integrates a output discharge circuit for fast turn
off.
Both SiP32408 and SiP32409 are available in TDFN4
package of 1.2 mm by 1.6 mm.
FEATURES
•
1.1 V to 5.5 V operation voltage range
•
Flat row RON down to 1.2 V
•
42 m
 typical from 1.5 V to 5 V
•
Slew rate controlled turn-on: 2.5 ms at 3.6 V
•
Low quiescent current < 1 µA when disabled
10.5 µA typical at VIN = 1.2 V
•
Reverse current blocking when switch is off
•
Output discharge (SiP32409)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
•
PDAs/smart phones
•
Notebook/netbook computers
•Tablet PC
•
Portable media players
•
Digital camera
•
GPS navigation devices
•
Data storage devices
•
Optical, industrial, medical, and healthcare devices
TYPICAL APPLICATION CIRCUIT
Figure 1 - SiP32408, SiP32409 Typical Application Circuit
SiP32408, SiP32409
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
C
4.7 µF
IN
C
0.1 µF
OUT


Similar Part No. - SIP32408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32408 VISHAY-SIP32408 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32408DNP-T1-GE4 VISHAY-SIP32408DNP-T1-GE4 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
More results

Similar Description - SIP32408

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
SIP32508 VISHAY-SIP32508_V01 Datasheet
274Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com