Electronic Components Datasheet Search
  English  ▼

X  

SIP32419 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32419
Description  28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32419 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32419 Datasheet HTML 1Page - Vishay Siliconix SIP32419 Datasheet HTML 2Page - Vishay Siliconix SIP32419 Datasheet HTML 3Page - Vishay Siliconix SIP32419 Datasheet HTML 4Page - Vishay Siliconix SIP32419 Datasheet HTML 5Page - Vishay Siliconix SIP32419 Datasheet HTML 6Page - Vishay Siliconix SIP32419 Datasheet HTML 7Page - Vishay Siliconix SIP32419 Datasheet HTML 8Page - Vishay Siliconix SIP32419 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SiP32419, SiP32429
www.vishay.com
Vishay Siliconix
S16-2135-Rev. E, 24-Oct-16
1
Document Number: 63939
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
28 V, 56 m
, Load Switch
with Programmable Current Limit and Slew Rate Control
OPERATION DESCRIPTION
SiP32419 and SiP32429 are load switches that integrate
multiple control features that simplify the design and
increase the reliability of the circuitry connected to the
switch. Both devices are 56 m
 switches designed to
operate in the 6 V to 28 V range. An internally generated gate
drive voltage ensures good RON linearity over the input
voltage operating range.
The SiP32419 and SiP32429 have a slew rate control circuit
that controls the switch turn-on time to the value set by an
external capacitor.
After soft start, an over-current protection circuit (OCP)
continuously monitors the current through the load switch,
and controls the switch impedance to limit the current to the
level programmed by an external resistor. If the over-current
condition persists for more than 7 ms, the switch shuts off
automatically. The SiP32419 and SiP32429 has an over
temperature protection circuit (OTP) which will shut the
switch off if the junction temperature exceeds about 135 °C.
The OTP circuit will release the switch when the temperature
has decreased by about 40 °C of hysteresis.
When an OCP or an OTP fault condition is detected the FLG
pin is pulled low. For the SiP32429, the fault flag will release
150 ms after the fault condition is cleared, and the switch
will automatically turn on at the programmed slew rate. For
the SiP32419, the switch will remain off and the fault flag will
remain on. The switch will be reset by toggling either control
signal on EN pin or the input power if it is not under over
temperature fault condition.
These devices feature a low voltage control logic interface
which can be controlled without the need for level shifting.
These devices also include a power good flag.
SiP32419 and SiP32429 are available in a space efficient
DFN10 3 mm x 3 mm package.
FEATURES
• 6 V to 28 V operation
• Programmable soft start
• Programmable current limit
• Over temperature protection
• ON resistance 56 m
• Power good, when VOUT reaches 90 % of VIN
•Fault flag
• Under voltage lockout: 4.8 V / 5.4 V (typ. / max.)
• Package: DFN10 3 mm x 3 mm
• SiP32429 will turn OFF the switch under fault conditions,
and re-try to turn on through the full soft start procedure
150 ms after the switch is off if there is no OT fault.
• SiP32419 will turn OFF the switch under fault conditions
and remain OFF. The switch can be reset by toggling
either signal on EN pin or the input power if it is not under
over temperature fault condition.
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Personal computers
• Lighting
• Flat panel displays
• Game consoles
• Industrial
• Network communication
• Data storage
TYPICAL APPLICATION CIRCUIT
Fig. 1 - SiP32419, SiP32429 Typical Application Circuit
Available


Similar Part No. - SIP32419

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32419 VISHAY-SIP32419 Datasheet
663Kb / 16P
28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
18-Jan-2021
SiP32419DN-T1-GE4 VISHAY-SiP32419DN-T1-GE4 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
SIP32419DN-T1-GE4 VISHAY-SIP32419DN-T1-GE4 Datasheet
663Kb / 16P
28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
18-Jan-2021
More results

Similar Description - SIP32419

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25910 TI-TPS25910 Datasheet
1Mb / 25P
3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
1A Load Switch IC with Slew Rate Control Driver
logo
Vishay Siliconix
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
15-Jun-15
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
24-Oct-16
logo
Monolithic Power System...
MP5006 MPS-MP5006 Datasheet
361Kb / 13P
5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
MP5013A MPS-MP5013A Datasheet
494Kb / 14P
5 V, 5 A Programmable Current-Limit Switch with Over-Voltage Clamp and Slew-Rate Control in TSOT23-8
MP5014A MPS-MP5014A Datasheet
520Kb / 14P
12 V, 5 A, Programmable Current-Limit Switch with Over-Volatge Clamp and Slew-Rate Control in TSOT23-8
logo
Vishay Siliconix
SIP32429 VISHAY-SIP32429_V01 Datasheet
663Kb / 16P
28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
18-Jan-2021
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
06-Jul-2020
SIP32454 VISHAY-SIP32454_V01 Datasheet
221Kb / 11P
0.8 V to 2.5 V, 28 mΩ, Slew Rate Controlled Load Switch in WCSP4
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com