Electronic Components Datasheet Search
  English  ▼

X  

SIP32419 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32419
Description  28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32419 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32419 Datasheet HTML 1Page - Vishay Siliconix SIP32419 Datasheet HTML 2Page - Vishay Siliconix SIP32419 Datasheet HTML 3Page - Vishay Siliconix SIP32419 Datasheet HTML 4Page - Vishay Siliconix SIP32419 Datasheet HTML 5Page - Vishay Siliconix SIP32419 Datasheet HTML 6Page - Vishay Siliconix SIP32419 Datasheet HTML 7Page - Vishay Siliconix SIP32419 Datasheet HTML 8Page - Vishay Siliconix SIP32419 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SiP32419, SiP32429
www.vishay.com
Vishay Siliconix
S16-2135-Rev. E, 24-Oct-16
2
Document Number: 63939
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• GE4 denotes halogen-free and RoHS-compliant
Notes
a. Device mounted with all lead and power pad soldered or welded to PCB.
b. Derate 11.4 mW/°C above TA = 25 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
TEMPERATURE RANGE
PACKAGE
MARKING
PART NUMBER
-40 °C to +85 °C
DFN10 3 mm x 3 mm
2429
SiP32429DN-T1-GE4
2419
SiP32419DN-T1-GE4
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
Input Voltage (VIN)
-0.3 to 30
V
Output Voltage (VOUT)
-0.3 to VIN + 0.3 V
-5 V for 5 μs
PG Voltage
-0.3 to 30
FLG Voltage
-0.3 to 30
EN Voltage
-0.3 to 6
Maximum Continuous Switch Current
4.5
A
ESD Rating (HBM)
4000
V
Maximum Junction Temperature
150
°C
Storage Temperature
-55 to +150
Thermal Resistance (thJA) a
88
°C/W
Power Dissipation (PD) a, b
1.42
W
RECOMMENDED OPERATING RANGE
PARAMETER
LIMIT
UNIT
Input Voltage (VIN)6 to 28
V
VSS
0 to 6
VOUT
0 to 28
EN
0 to 6
FLG. PG
0 to VIN
ILIM
0 to 6
Current Limit
0.75 to 3.5
A
Operating Temperature Range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com