Electronic Components Datasheet Search
  English  ▼

X  

PLZ11B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PLZ11B
Description  Zener Diodes Permitting 500 mW Power Dissipation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLZ11B Datasheet(HTML) 2 Page - Vishay Siliconix

  PLZ11B Datasheet HTML 1Page - Vishay Siliconix PLZ11B Datasheet HTML 2Page - Vishay Siliconix PLZ11B Datasheet HTML 3Page - Vishay Siliconix PLZ11B Datasheet HTML 4Page - Vishay Siliconix PLZ11B Datasheet HTML 5Page - Vishay Siliconix PLZ11B Datasheet HTML 6Page - Vishay Siliconix PLZ11B Datasheet HTML 7Page - Vishay Siliconix PLZ11B Datasheet HTML 8Page - Vishay Siliconix PLZ11B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PLZ Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2. 29-Nov-16
2
Document Number: 84830
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  40 ms
(2) Pulse test: tp = 8/20 μs acc. IEC 61000-4-5
(3) Contact and air discharge acc. IEC 61000-4-2
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
MARKING
CODE
ZENER
VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
CURRENT
DYNAMIC
RESISTANCE
PEAK PULSE
CURRENT (2)
REVERSE
CLAMPING
VOLTAGE AT
IPPM
ESD
IMMUNITY (3)
VZ at IZT
IZT1
IR at VR
ZZ at IZT
IPPM
VC
VESD
V
mA
μA
V
A
V
kV
MIN.
MAX.
MAX.
MAX.
MAX.
MAX.
PLZ2V0A
2A0
1.88
2.10
20
120
0.5
140
12.4
5.65
20
PLZ2V0B
2B0
2.02
2.20
20
12.2
5.71
20
PLZ2V2A
2A2
2.12
2.30
20
120
0.7
120
12.1
5.76
20
PLZ2V2B
2B2
2.22
2.41
20
12.1
5.77
20
PLZ2V4A
2A4
2.33
2.52
20
120
1.0
100
12.1
5.78
 30
PLZ2V4B
2B4
2.43
2.63
20
12.1
5.79
 30
PLZ2V7A
2A7
2.54
2.75
20
100
1.0
100
11.8
5.91
 30
PLZ2V7B
2B7
2.69
2.91
20
11.7
5.98
 30
PLZ3V0A
3A0
2.85
3.07
20
20
1.0
80
11.6
6.02
 30
PLZ3V0B
3B0
3.01
3.22
20
11.3
6.18
 30
PLZ3V3A
3A3
3.16
3.38
20
10
1.0
70
11.2
6.22
 30
PLZ3V3B
3B3
3.32
3.53
20
11.1
6.29
 30
PLZ3V6A
3A6
3.455
3.695
20
51.0
60
10.9
6.40
 30
PLZ3V6B
3B6
3.60
3.845
20
10.8
6.47
 30
PLZ3V9A
3A9
3.74
4.10
20
51.0
50
10.7
6.54
 30
PLZ3V9B
3B9
3.89
4.16
20
10.6
6.60
 30
PLZ4V3A
4A3
4.04
4.29
20
51.0
40
10.5
6.66
 30
PLZ4V3B
4B3
4.17
4.43
20
10.4
6.73
 30
PLZ4V3C
4C3
4.30
4.57
20
10.3
6.80
 30
PLZ4V7A
4A7
4.44
4.68
20
51.0
25
10.1
6.93
 30
PLZ4V7B
4B7
4.55
4.80
20
9.9
7.06
 30
PLZ4V7C
4C7
4.68
4.93
20
9.4
7.40
 30
PLZ5V1A
5A1
4.81
5.07
20
51.5
20
12.3
8.14
 30
PLZ5V1B
5B1
4.94
5.20
20
12.1
8.23
 30
PLZ5V1C
5C1
5.09
5.37
20
11.9
8.40
 30
PLZ5V6A
5A6
5.28
5.55
20
52.5
13
11.6
8.61
 30
PLZ5V6B
5B6
5.45
5.73
20
11.3
8.82
 30
PLZ5V6C
5C6
5.61
5.91
20
11.1
8.99
 30
PLZ6V2A
6A2
5.78
6.09
20
53.0
10
10.7
9.32
 30
PLZ6V2B
6B2
5.96
6.27
20
10.5
9.45
 30
PLZ6V2C
6C2
6.12
6.44
20
10.3
9.66
 30
PLZ6V8A
6A8
6.29
6.63
20
23.5
8
9.7
10.29
 30
PLZ6V8B
6B8
6.49
6.83
20
9.5
10.50
 30
PLZ6V8C
6C8
6.66
7.01
20
9.4
10.60
 30
PLZ7V5A
7A5
6.85
7.22
20
0.5
4.0
8
9.0
11.06
 30
PLZ7V5B
7B5
7.07
7.45
20
8.8
11.34
 30
PLZ7V5C
7C5
7.29
7.67
20
8.6
11.54
 30
PLZ8V2A
8A2
7.53
7.92
20
0.5
5.0
8
8.4
11.80
 30
PLZ8V2B
8B2
7.78
8.19
20
8.3
12.00
 30
PLZ8V2C
8C2
8.03
8.45
20
7.9
12.60
 30
PLZ9V1A
9A1
8.29
8.73
20
0.5
6.0
8
7.8
12.86
 30
PLZ9V1B
9B1
8.57
9.01
20
7.6
13.17
 30
PLZ9V1C
9C1
8.83
9.30
20
7.4
13.55
 30



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com