Electronic Components Datasheet Search
  English  ▼

X  

PLZ11B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PLZ11B
Description  Zener Diodes Permitting 500 mW Power Dissipation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLZ11B Datasheet(HTML) 3 Page - Vishay Siliconix

  PLZ11B Datasheet HTML 1Page - Vishay Siliconix PLZ11B Datasheet HTML 2Page - Vishay Siliconix PLZ11B Datasheet HTML 3Page - Vishay Siliconix PLZ11B Datasheet HTML 4Page - Vishay Siliconix PLZ11B Datasheet HTML 5Page - Vishay Siliconix PLZ11B Datasheet HTML 6Page - Vishay Siliconix PLZ11B Datasheet HTML 7Page - Vishay Siliconix PLZ11B Datasheet HTML 8Page - Vishay Siliconix PLZ11B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PLZ Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2. 29-Nov-16
3
Document Number: 84830
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
MARKING
CODE
ZENER
VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
CURRENT
DYNAMIC
RESISTANCE
PEAK PULSE
CURRENT (2)
REVERSE
CLAMPING
VOLTAGE AT
IPPM
ESD
IMMUNITY (3)
VZ at IZT
IZT1
IR at VR
ZZ at IZT
IPPM
VC
VESD
V
mA
μA
V
A
V
kV
MIN.
MAX.
MAX.
MAX.
MAX.
MAX.
PLZ10A
10A
9.12
9.59
20
0.2
7.0
8
7.09
14.1
 30
PLZ10B
10B
9.41
9.90
20
6.90
14.5
 30
PLZ10C
10C
9.70
10.20
20
6.75
14.8
 30
PLZ10D
10D
9.94
10.44
20
6.58
15.2
 30
PLZ11A
11A
10.18
10.71
10
0.2
8.0
10
6.47
15.5
 30
PLZ11B
11B
10.50
11.05
10
6.25
16.0
 30
PLZ11C
11C
10.82
11.38
10
6.10
16.4
 30
PLZ12A
12A
11.13
11.71
10
0.2
9.0
12
5.95
16.8
 30
PLZ12B
12B
11.44
12.03
10
5.80
17.2
 30
PLZ12C
12C
11.74
12.35
10
5.43
18.4
 30
PLZ13A
13A
12.11
12.75
10
0.2
10
14
5.29
18.9
 30
PLZ13B
13B
12.55
13.21
10
5.15
19.4
 30
PLZ13C
13C
12.99
13.66
10
5.05
19.8
 30
PLZ15A
15A
13.44
14.13
10
0.2
11
16
4.93
20.3
 30
PLZ15B
15B
13.89
14.62
10
4.76
21.0
 30
PLZ15C
15C
14.35
15.09
10
4.50
22.0
 30
PLZ16A
16A
14.80
15.57
10
0.2
12
18
4.25
23.5
 30
PLZ16B
16B
15.25
16.04
10
4.18
23.9
 30
PLZ16C
16C
15.69
16.51
10
3.96
25.2
 30
PLZ18A
18A
16.22
17.06
10
0.2
13
23
3.95
25.3
 30
PLZ18B
18B
16.82
17.70
10
3.77
26.5
 30
PLZ18C
18C
17.42
18.33
10
3.69
27.1
 30
PLZ20A
20A
18.02
18.96
10
0.2
15
28
3.43
29.1
 30
PLZ20B
20B
18.63
19.59
10
3.40
29.4
 30
PLZ20C
20C
19.23
20.22
10
3.33
30.0
 30
PLZ20D
20D
19.72
20.72
10
3.18
31.4
 30
PLZ22A
22A
20.15
21.20
5
0.2
17
30
3.13
31.9
 30
PLZ22B
22B
20.64
21.71
5
3.07
32.6
 30
PLZ22C
22C
21.08
22.17
5
2.82
35.4
25
PLZ22D
22D
21.52
22.63
5
2.80
35.6
25
PLZ24A
24A
22.05
23.18
5
0.2
19
35
2.77
36.1
25
PLZ24B
24B
22.61
23.77
5
2.70
37.0
25
PLZ24C
24C
23.12
24.31
5
2.64
37.8
25
PLZ24D
24D
23.63
24.85
5
2.61
38.3
25
PLZ27A
27A
24.26
25.52
5
0.2
21
45
2.55
39.2
25
PLZ27B
27B
24.97
26.26
5
2.49
40.1
25
PLZ27C
27C
25.63
26.95
5
2.32
43.0
20
PLZ27D
27D
26.29
27.64
5
2.30
43.5
20
Notes
(1) Pulse test: tp  40 ms
(2) Pulse test: tp = 8/20 μs acc. IEC 61000-4-5
(3) Contact and air discharge acc. IEC 61000-4-2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com