Electronic Components Datasheet Search
  English  ▼

X  

LMC6953 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6953
Description  PCI Local Bus Power Supervisor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6953 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC6953 Datasheet HTML 4Page - National Semiconductor (TI) LMC6953 Datasheet HTML 5Page - National Semiconductor (TI) LMC6953 Datasheet HTML 6Page - National Semiconductor (TI) LMC6953 Datasheet HTML 7Page - National Semiconductor (TI) LMC6953 Datasheet HTML 8Page - National Semiconductor (TI) LMC6953 Datasheet HTML 9Page - National Semiconductor (TI) LMC6953 Datasheet HTML 10Page - National Semiconductor (TI) LMC6953 Datasheet HTML 11Page - National Semiconductor (TI) LMC6953 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Truth Table
Power
Failure
5V
Over-Voltage
5V
Under-Voltage
3.3V
Over-Voltage
3.3V
Under-Voltage
MR
RESET
Fail
X
X
X
X
High
Low
X
Fail
X
X
X
High
Low
X
X
Fail
X
X
High
Low
X
X
X
Fail
X
High
Low
X
X
X
X
Fail
High
Low
X
X
X
X
X
Low
Low
OK
OK
OK
OK
OK
High
High
X = Don’t Care
Pin Description
Pin
Name
Function
1V
DD
5V input supply voltage. This pin supplies power to the internal comparators. It can be
connected to a capacitor acting as a back-up battery. Otherwise, it should be shorted
to the 5V pin.
2
5V
5V input supply voltage. This pin is not connected to the positive power supply of the
internal comparators. It provides input signal to the 5V window comparators as well as
the power failure comparator.
3
3.3V
3.3V input supply voltage. This pin provides input signal to the 3.3V window
comparators and the power failure comparator.
4MR
Manual reset input pin. It takes 5V CMOS logic low and triggers RESET . If not used,
this pin should be connected to V
DD.
5
PWR__GND
Ground.
6
GND
This pin should be grounded at all times.
7
RESET
Active low reset output. RESET holds low for 100 ms after both 5V and 3.3V powers
recover, or after manual reset signal returns to high state.
8C
EXT
External capacitor pin. The value of C
EXT sets the reset delay.
Application Note
HOW THE LMC6953 FUNCTIONS
The LMC6953 is a power supply supervisor with its perfor-
mance specifications compliant to PCI Specifications Revi-
sion 2.1. The chip monitors power-up, power-down,
brown-out, power failure and manual reset interrupt situa-
tions.
During power-up, the LMC6953 holds RESET low for 100
ms after both 5V and 3.3V are within specified windows. It
asserts reset in 490 ns when a brown-out is detected.
Brown-out
occurs
when
5V
supply
is
above
5.75V
over-voltage or below 4.25V under-voltage or when 3.3V
supply is above 4.1V over-voltage or 2.5V under-voltage. In
case of power failure where the 5V supply falls under 3.3V
supply by 300 mV maximum, reset is asserted in 90 ns. RE-
SET also can be asserted by sending a 5V CMOS logic low
to the manual reset pin.
Each time RESET is asserted, it holds low for 100 ms after a
fault condition is recovered. The 100 ms reset delay is gen-
erated by the 0.01 µF C
EXT capacitor, and can be adjusted
by changing the value of C
EXT.
It is highly recommended to place lands on printed circuit
boards for 120 pF capacitors between pin 2 and ground and
also between pin 3 and ground. As power supplies may
change abruptly, there can be very high frequency noise
present and the capacitors can minimize the noise,
MINIMUM SUPPLY VOLTAGE FOR RESET ASSERTION
The LMC6953 guarantees V
DD = 1.55V as the minimum
supply voltage to achieve consistent RESET assertion. This
ensures system stability in initialization state.
DS012846-12
FIGURE 1. Output Voltage vs Supply Voltage
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com