Electronic Components Datasheet Search
  English  ▼

X  

LMC6953 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6953
Description  PCI Local Bus Power Supervisor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6953 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6953 Datasheet HTML 1Page - National Semiconductor (TI) LMC6953 Datasheet HTML 2Page - National Semiconductor (TI) LMC6953 Datasheet HTML 3Page - National Semiconductor (TI) LMC6953 Datasheet HTML 4Page - National Semiconductor (TI) LMC6953 Datasheet HTML 5Page - National Semiconductor (TI) LMC6953 Datasheet HTML 6Page - National Semiconductor (TI) LMC6953 Datasheet HTML 7Page - National Semiconductor (TI) LMC6953 Datasheet HTML 8Page - National Semiconductor (TI) LMC6953 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMC6953
PCI Local Bus Power Supervisor
General Description
The LMC6953 is a voltage supervisory chip designed to
meet PCI (Peripheral Component Interconnect) Specifica-
tions Revision 2.1. It monitors 5V and 3.3V power supplies.
In cases of power-up, power-down, brown-out, power failure
and manual reset interrupt, the LMC6953 provides an active
low reset. RESET holds low for 100 ms after both 5V and
3.3V powers recover, or after manual reset signal returns to
high state. The external capacitor on pin 8 adjusts the reset
delay.
This part is ideal on PCI motherboards or add-in cards to en-
sure the integrity of the entire system when there is a fault
condition. The active low reset sets the microprocessor or lo-
cal device in a known state.
The LMC6953 has a built-in bandgap reference that accu-
rately determines all the threshold voltages. The internal re-
set delay circuitry eliminates additional discrete components.
Features
n
Compliant to PCI specifications revision 2.1.
n
Under and over voltage detectors for 5V and 3.3V
n
Power failure detection (5V falling under 3.3V by
300 mV max)
n
Manual reset input pin
n
Guaranteed RESET assertion at V
DD = 1.5V
n
Integrated reset delay circuitry
n
Open drain output
n
Adjustable reset delay
n
Response time for over and under voltage detection:
490 ns Max
n
Power failure response time:
90 ns Max
n
Requires minimal external components
Applications
n
Desktop PCs
n
PCI-Based Systems
n
Network servers
Typical Application Circuits
On Mother Board
DS012846-23
On Add-in Cards
DS012846-24
April 1998
© 1998 National Semiconductor Corporation
DS012846
www.national.com


Similar Part No. - LMC6953

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6953 TI1-LMC6953 Datasheet
944Kb / 19P
LMC6953 PCI Local Bus Power Supervisor
LMC6953CM/NOPB TI1-LMC6953CM/NOPB Datasheet
944Kb / 19P
LMC6953 PCI Local Bus Power Supervisor
LMC6953CMX/NOPB TI1-LMC6953CMX/NOPB Datasheet
944Kb / 19P
LMC6953 PCI Local Bus Power Supervisor
More results

Similar Description - LMC6953

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
Integrated Parallel Port/Local Bus and PCI interface
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
33Mhz PCI to Local Bus Interface
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
Integrated Parallel Port/Local Bus and PCI interface
logo
PLX Technology
PEX8311 PLX-PEX8311 Datasheet
2Mb / 4P
PCI Express to Generic Local Bus Bridge
logo
Agilent(Hewlett-Packard...
FS2100 HP-FS2100 Datasheet
371Kb / 48P
LOCAL BUS
logo
List of Unclassifed Man...
APCI-IB40 ETC2-APCI-IB40 Datasheet
253Kb / 10P
32-bit PCI Local Bus I/O board
logo
Micrel Semiconductor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
Local/Remote Thermal Supervisor
logo
AVAGO TECHNOLOGIES LIMI...
PEX8311 AVAGO-PEX8311 Datasheet
2Mb / 4P
PCI Express to Generic Local Bus Bridge
logo
Texas Instruments
LMC6953 TI1-LMC6953 Datasheet
944Kb / 19P
LMC6953 PCI Local Bus Power Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com