Electronic Components Datasheet Search
  English  ▼

X  

BYV36A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BYV36A
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYV36A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BYV36A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYV36A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e:JEDEC DO--15,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces ,0.39 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50Hz,res is tive or inductive load. For capacitive load,derate by 20%.
BYV
36D
BYV
36E
UNITS
Maximum recurrent peak reverse voltage
VRRM
800
1000
V
Maximum RMS voltage
VRMS
560
700
V
Maximum DC blocking voltage
VDC
800
1000
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
10ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 1.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured with I
F=0. 5A, IR=1A, Irr=0.25A.
3. Thermal resistance f rom junction to am bient.
GALAXY ELECTRICAL
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
IF(AV)
150
-55 ---- + 150
-55 ---- + 125
A
A
140
BYV
36A
600
A
IFSM
IR
100
5.0
100.0
1.35
1.45
30.0
FAST RECOVERY RECT IFIERS
DO-15
200
VOLTAGE RANGE: 200 --- 1000 V
CURRENT: 1.5-1.6 A
BYV
36B
BYV
36C
200
BYV36A(Z)---BYV36E(Z)
Eas ily cleaned with Freon,Alcohol,Is opropanol and
s im ilar s olvents
600
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
400
280
420
200
45
18
1.6
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 1561145
1.
Dimensions in millimeters


Similar Part No. - BYV36A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36A PHILIPS-BYV36A Datasheet
78Kb / 14P
Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
logo
Galaxy Semi-Conductor H...
BYV36A BILIN-BYV36A Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV36A SYNSEMI-BYV36A Datasheet
39Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Gulf Semiconductor
BYV36A GULFSEMI-BYV36A Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.6A
logo
EIC discrete Semiconduc...
BYV36A EIC-BYV36A Datasheet
56Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
More results

Similar Description - BYV36A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com