Electronic Components Datasheet Search
  English  ▼

X  

WM8759GED/V Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8759GED/V
Description  24 BIT 192KHZ STEREO DAC WITH HEADPHONE BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8759GED/V Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8759GED/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
WM8759
Advanced Information
w
AI Rev 3.0 September 2004
6
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply range
AVDD, DVDD
2.7
5.5
V
Ground
AGND, DGND
0
V
Analog supply current
AVDD = 5V
12
mA
AVDD = 3.3V
Digital supply current
DVDD = 5V
8
mA
DVDD = 3.3V
4
Power down current (note 4)
AVDD=DVDD=5V
0.01
mA
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 5V, DVDD = 3.3V, GND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 2mA
DGND + 0.3V
V
Output HIGH
VOH
IOH = 2mA
DVDD – 0.3V
V
Analogue Reference Levels
Reference voltage (CAP)
AVDD/2
V
Potential divider resistance
RCAP
AVDD to CAP and CAP
to GND
50k
Ω
DAC Output (Load = 10k
Ω
Ω
Ω
Ω. 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.1 x
AVDD/5
Vrms
SNR (Note 5,6,7)
A-weighted,
@ fs = 48kHz
94
100
dB
SNR (Note 5,6,7)
A-weighted
@ fs = 96kHz
97
dB
SNR (Note 5,6,7)
A-weighted
@ fs = 192kHz
97
dB
SNR (Note 5,6,7)
A-weighted,
@ fs = 48kHz
VDD = 3.3V
95
dB
SNR (Note 5,6,7)
A-weighted
@ fs = 96kHz
VDD = 3.3V
95
dB
SNR (Note 5,6,7)
Non ‘A’ weighted @ fs
= 48kHz
97
dB
THD+N (Note 7)
10k load
1kHz, 0dBFs
-88
dB
THD+N driving headphone
16R load
1kHz, 0dBFs
-72
dB
DAC channel separation
93
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com