Electronic Components Datasheet Search
  English  ▼

X  

WM8759GED/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8759GED/V
Description  24 BIT 192KHZ STEREO DAC WITH HEADPHONE BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8759GED/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8759GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8759GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
WM8759
Advanced Information
w
AI Rev 3.0 September 2004
10
The outputs of the 2 DACs are buffered out of the device by buffer amplifiers capable of driving
loads of either line level or headphone level impedance. The advanced multi-bit DAC used in
WM8759 produces far less out of band noise than single bit traditional sigma delta DACs, and so
in most applications where line level output is required, no post DAC filter is required. Typically an
AC coupling capacitor and a DC setting resistor to ground are the only components required on
the output of the chip.
CLOCKING SCHEMES
In a typical digital audio system there is only one central clock source producing a reference clock
to which all audio data processing is synchronised. This clock is often referred to as the audio
system’s Master Clock. The external master clock can be applied directly through the MCLK input
pin with no configuration necessary for sample rate selection.
Note that on the WM8759, MCLK is used to derive clocks for the DAC path. The DAC path
consists of DAC sampling clock, DAC digital filter clock and DAC digital audio interface timing. In
a system where there are a number of possible sources for the reference clock it is recommended
that the clock source with the lowest jitter be used to optimise the performance of the DAC.
The device can be powered down by stopping MCLK. In this state the power consumption is
substantially reduced.
DIGITAL AUDIO INTERFACE
Audio data is applied to the internal DAC filters via the Digital Audio Interface. Three interface
formats are supported:
•
Right Justified mode
•
I
2S mode
•
DSP mode
All formats send the MSB first. The data format is selected with the FORMAT pin. When
FORMAT is LOW, right justified data format is selected and word lengths of 16-bits may be used.
When the FORMAT pin is HIGH, I
2S format is selected and word length of any value up to 24-bits
may be used. (If a word length shorter than 24-bits is used, the unused bits should be padded
with zeros). If LRCIN is 4 BCKINs or less duration, the DSP compatible format is selected. Early
and Late clock formats are supported, selected by the state of the FORMAT pin.
‘Packed’ mode (i.e. only 32 or 48 clocks per LRCIN period) operation is also supported in both I
2S
(16-24 bits) and right justified formats, (16 bit). If a ‘packed’ format of 16-bit word length is applied
(16 BCKINS per LRCIN half period), the device auto-detects this mode and switches to 16-bit
data length.
I
2S MODE
The WM8759 supports word lengths of 16-24 bits in I
2S mode.
In I
2S mode, the digital audio interface receives data on the DIN input. Audio Data is time
multiplexed with LRCIN indicating whether the left or right channel is present. LRCIN is also used
as a timing reference to indicate the beginning or end of the data words.
In I
2S modes, the minimum number of BCKINs per LRCIN period is 2 times the selected word
length. LRCIN must be high for a minimum of word length BCKINs and low for a minimum of word
length BCKINs. Any mark to space ratio on LRCIN is acceptable provided the above requirements
are met. In I
2S mode, the MSB is sampled on the second rising edge of BCKIN following a LRCIN
transition. LRCIN is low during the left samples and high during the right samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com