Electronic Components Datasheet Search
  English  ▼

X  

WM8521HCED Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8521HCED
Description  STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521HCED Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8521HCED Datasheet HTML 9Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 10Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 11Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 12Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 13Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 14Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 15Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 16Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Product Preview
WM8521
w
PP Rev 1.3 December 2004
13
HARDWARE CONTROL MODES
The WM8521 is hardware programmable providing the user with options to select input audio data
format, de-emphasis and mute.
MUTE AND AUTO MUTE OPERATION
Pin 5 (MUTE) controls the mute function, or can be used as an output to monitor the state of
the automuted signal.
MUTE PIN
DESCRIPTION
0
Normal Operation, MUTE off
1
Mute DAC channels
Floating
Enable IZD, MUTE becomes an output to indicate when IZD occurs.
Table 2 Mute and Automute Control
Figure 7 Application and Release of MUTE
MUTE is active high; taking the pin high causes the filters to soft mute, ramping down the audio
signal over a few milliseconds. Taking MUTE low again allows data into the filter. Refer to Figure 7.
Therefore if MUTE is tied low then mute is disabled and the automute function is overridden.
If MUTE is floating or connected to a high impedance then the automute function will operate. The
AUTOMUTED internal signal, which is generated by the IZD function, is connected to the MUTE pin
internally via a 10k resistor. This can provide a weak output (10k source impedance) which can be
used to drive external mute circuits. Refer to Figure 8.
The Infinite Zero Detect (IZD) function detects 1024 zero value audio samples applied to both
channels. After such an event, a latch is set whose output is the AUTOMUTED internal signal.
AUTOMUTED will be reset as soon as either channel receives a non-zero input.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com