Electronic Components Datasheet Search
  English  ▼

X  

WM8521HCED Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8521HCED
Description  STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521HCED Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8521HCED Datasheet HTML 12Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 13Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 14Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 15Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 16Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 17Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 18Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 19Page - Wolfson Microelectronics plc WM8521HCED Datasheet HTML 20Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Product Preview
WM8521
w
PP Rev 1.3 December 2004
19
PACKAGE DRAWING
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-012, VARIATION = AB. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
Symbols
Dimensions
(MM)
Dimensions
(Inches)
MIN
MAX
MIN
MAX
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
8.55
8.75
0.3367
0.3444
E
3.80
4.00
0.1497
0.1574
e
1.27 BSC
0.05 BSC
H
5.80
6.20
0.2284
0.2440
h
0.25
0.50
0.0099
0.0196
L
0.40
1.27
0.0160
0.0500
α
αα
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-012
0.10 (0.004)
SEATING PLANE
DM001.C
E
D: 14 PIN SOIC 3.9mm Wide Body
H
B
D
A
A1
C
h x 45o
-C-
8
7
1
14
α
L
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com