Electronic Components Datasheet Search
  English  ▼

X  

RB548WM Datasheet(PDF) 3 Page - Rohm

Part # RB548WM
Description  Schottky Barrier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB548WM Datasheet(HTML) 3 Page - Rohm

  RB548WM Datasheet HTML 1Page - Rohm RB548WM Datasheet HTML 2Page - Rohm RB548WM Datasheet HTML 3Page - Rohm RB548WM Datasheet HTML 4Page - Rohm RB548WM Datasheet HTML 5Page - Rohm RB548WM Datasheet HTML 6Page - Rohm RB548WM Datasheet HTML 7Page - Rohm RB548WM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB548WM
lElectrical Characteristic Curves
0
50
100
150
200
250
0
25
50
75
100
125
150
D = 1/2
DC
Sin(
θ=180)
0
50
100
150
200
250
0
25
50
75
100
125
150
D = 1/2
DC
Sin(
θ=180)
1
10
100
0
5
10
15
20
25
30
T
j = 25°C
f = 1MHz
10
100
1000
0.001
0.01
0.1
1
10
100
1000
R
th(j-c)
R
th(j-a)
AMBIENT TEMPERATURE : T
a (°C)
DERATING CURVE (I
o-Ta)
T
j=150°C
D=t/T
V
R=15V
T
t
0A
0V
IO
VR
Glass epoxy board mounted
CASE TEMPERATURE : T
c (°C)
DERATING CURVE (I
o-Tc)
T
j=150°C
D=t/T
V
R=15V
T
t
0A
0V
IO
VR
Glass epoxy board mounted
REVERSE VOLTAGE : V
R(V)
V
R-Ct CHARACTERISTICS
TIME : t (s)
R
th-t CHARACTERISTICS
1ms
I
M=1mA
I
F=100mA
300
ms
time
Glass epoxy board mounted
3/4
2016.08 - Rev.A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com