Electronic Components Datasheet Search
  English  ▼

X  

RB548WM Datasheet(PDF) 1 Page - Rohm

Part # RB548WM
Description  Schottky Barrier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB548WM Datasheet(HTML) 1 Page - Rohm

  RB548WM Datasheet HTML 1Page - Rohm RB548WM Datasheet HTML 2Page - Rohm RB548WM Datasheet HTML 3Page - Rohm RB548WM Datasheet HTML 4Page - Rohm RB548WM Datasheet HTML 5Page - Rohm RB548WM Datasheet HTML 6Page - Rohm RB548WM Datasheet HTML 7Page - Rohm RB548WM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB548WM
lApplication
lDimensions (Unit : mm)
lLand Size Figure (Unit : mm)
Small current rectification
lFeatures
1) Ultra small mold type
(EMD3F)
2) High reliability
lStructure
3) Low VF
lConstruction
lTaping Dimensions (Unit : mm)
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
c= 25°C)
Symbol
Unit
Reverse voltage
VR
V
Operating Junction Temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical Characteristics (T
j= 25°C)
Symbol
Min.
Typ. Max.
Unit
VF
-
-
0.45
V
Reverse current
IR
-
-
0.5
mA
VR=10V
30
Direct reverse voltage
Parameter
Limits
Conditions
Forward voltage
Parameter
150
-55 to +150
IFSM
Non-repetitive forward surge current
0.5
IF=10mA
Conditions
-
-
60Hz half sin wave,non-repetitive at Ta=25ºC,
A
Average forward rectified current
IO
Glass epoxy board mounted, 60Hz half sin wave,
100
mA
resistive load, per diode
1cycle, per diode
EMD3F
0.6
0.6
0.5 0.5
0.7
ROHM : EMD3F
JEDEC : SOT-416FL
JEITA : SC-89
: Year, week and factory
1.60±0.1
1.00±0.10
(0.5)
(0.5)
0.26
+0.10
0~0.10
(1)
(3)
(2)
0.70±0.10
Each lead has
same dimensions
-0.05
3V
TL
Cathode/
Anode
Anode
(1)
(2)
(3)
(1)
(2)
(3)
Cathode
1/4
2016.08 - Rev.A


Similar Part No. - RB548WM

ManufacturerPart #DatasheetDescription
logo
Rohm
RB548W ROHM-RB548W Datasheet
48Kb / 3P
Schottky barrier diode
RB548W ROHM-RB548W Datasheet
170Kb / 4P
Schottky barrier diode
RB548W ROHM-RB548W Datasheet
979Kb / 4P
Shottky barrier diode
logo
Diodes Incorporated
RB548W DIODES-RB548W Datasheet
53Kb / 3P
Schottky barrier diode
Rev erse
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - RB548WM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com