Electronic Components Datasheet Search
  English  ▼

X  

80C010 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 80C010
Description  OPTICAL SAMPLING MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C010 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 80C010 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 9Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 10Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 11Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Optical Signal Analysis •
www.tektronix.com/optical
9
Optical Sampling Modules
80C01 • 80C02 • 80C07B • 80C08C • 80C10 • 80C11 • 80C12
Optical Sampling Module Characteristics (continued)
Optical Return Loss
Fiber Input Accepted
RMS Optical
RMS Optical
Independent
Noise (typical)
Noise (maximum)
Channel Deskew
80C01
>30 dB
Single-mode
8.0 µW at 622 Mb/s,
12.0 µW at 622 Mb/s,
Standard
2.488 Gb/s, 9.953 Gb/s,
2.488 Gb/s, 9.953 Gb/s,
12.5 GHz;
12.5 GHz;
15.0 µW at 20 GHz
25 µW at 20 GHz
80C02
>30 dB
Single-mode
6.0 µW at 9.953 Gb/s,
10.0 µW at 9.953 Gb/s,
Standard
12.5 GHz;
12.5 GHz mode;
10.0 µW at 20 GHz;
15 µW at 20 GHz;
15.0 µW at 30 GHz
30 µW at 30 GHz
80C07B
>14 dB (multi-mode)
Single- or multi-mode
0.50 µW at 155 Mb/s,
1.0 µW at 155 Mb/s,
Standard
>24 dB (single-mode)
622 Mb/s, 1063 Mb/s,
622 Mb/s, 1063 Mb/s,
1250 Mb/s;
1250 Mb/s;
0.70 µW
1.5 µW at 2.488/2.500 Gb/s
at 2.488/2.500 Gb/s
80C08C
>14 dB (multi-mode)
Single- or multi-mode
1.7 µW at all filter rates
3.0 µW at all filter rates
Standard
>24 dB (single-mode)
80C10
>30 dB
Single-mode
40 µW at 39.813 Gb/s,
60 µW at 39.813 Gb/s,
Standard
43.018 Gb/s (1550 nm);
43.018 Gb/s (1550 nm);
75 µW at 39.813 Gb/s,
110 µW at 39.813 Gb/s,
43.018 Gb/s (1310 nm);
43.018 Gb/s (1310 nm);
30 µW at 30 GHz mode
50 µW at 30 GHz
(1550 nm);
(1550 nm);
55 µW at 30 GHz mode
90 µW at 30 GHz
(1310 nm);
(1310 nm);
85 µW at 65 GHz mode
120 µW at 65 GHz
(1550 nm);
(1550 nm);
150 µW at 65 GHz mode
220 µW at 65 GHz
(1310 nm)
(1310 nm)
80C11
>30 dB
Single-mode
5.5 µW at all filter rates;
8.0 µW at all filter rates;
Standard
10.0 µW at 20 GHz
14.0 µW at 20 GHz
20.0 µW at 30 GHz
30.0 µW at 30 GHz
80C12
>14 dB (multi-mode)
Single- or multi-mode
1.7 µW (all filters except
3.0 µW ( all filters except
Standard
>24 dB (single-mode)
Option 10G)
Option 10G)
3.4 µW (‘Full BW’ and
6.0 µW (‘Full BW’ and
Option 10G filters)
Option 10G filters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com