Electronic Components Datasheet Search
  English  ▼

X  

80C010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 80C010
Description  OPTICAL SAMPLING MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  80C010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features & Benefits
10 Gb/s Telecom & Datacom
– 80C08C and 80C12 – Low-
noise, High Optical Sensitivity
and Broad Wavelength
Conformance Testing for
10GbE LAN, WAN, and FEC,
10G Fibre Channel, and
10 Gb/s Telecom Standard
and FEC Rates
– 80C11 30 GHz Optical
Bandwidth Conformance
Testing and Characterization
for 10 Gb/s Telecom and
Datacom Standards and
FEC Rates
– 80C08C and 80C11
Integrated Clock Recovery
Supports All Current 10 Gb/s
Standards or User Defined
Rate from 9.8 to 12.6 Gb/s
– 80C12 Clock Recovery
Available Via 80A05 Clock
Recovery Module
40 Gb/s Telecom
– 80C10 Provides 65 GHz
Optical Bandwidth for Signal
Characterization of 40 Gb/s
RZ or NRZ Data
– 80C10 Provides Reference
Receivers for Conformance
Testing of 39.813 Gb/s
(OC-768/STM-256)
and 43.018 Gb/s
(ITU-T G.709 FEC)
Tributary Telecom & Datacom
– 80C07B and 80C12 Provide
Excellent Optical Sensitivity
and Broad Wavelength
Test Capability
– 80C07B, 80C12, 80C01
Multi-rate Telecom
Conformance Testing
Solutions from 155 Mb/s
(OC-3/STM-4) Through
9.953 Gb/s (OC-192/
STM-64) and Datacom
Conformance Testing
Solutions for Fibre Channel,
Ethernet and InfiniBand
Standards
Applications
High-speed Optical
Communications Testing
Extinction Ratio and Q-factor
Measurements
Eye-pattern and Pulse
Shape Analysis
Relaxation Oscillation Testing
Optical Signal Analysis
Conformance Testing
NRZ and RZ Pulse
Characterization
Optical Sampling Modules
80C01 • 80C02 • 80C07B • 80C08C • 80C10 • 80C11 • 80C12
Optical Signal Analysis •
www.tektronix.com/optical
1
The CSA/TDS8000B Series Sampling
Oscilloscopes, when configured with one
or more optical sampling modules, provide
complete optical test solutions for Telecom
(155 Mb/s to 43.018 Gb/s) or Datacom
(Fibre Channel, Gigabit Ethernet, 10GbE
and InfiniBand) applications, as well as
general purpose optical component testing.
Each optical module includes all the elements
necessary for optical testing:
Optical to electrical converter
Average power monitor
One or more reference receiver filters
A full bandwidth optical path
A low-noise electrical sampler
Optional integrated clock recovery (80C12
clock recovery is provided via the 80A05
Clock Recovery Module – sold separately)
Universal optical input connector
80C01 Multi-rate Telecom Sampling
Module – The 80C01 module supports
waveform conformance testing of long-
wavelength (1100 to 1650 nm) signals at
622, 2488 Mb/s and 9.953 Gb/s as well
as general-purpose testing with up to
20 GHz optical bandwidth. With its clock
recovery option, the 80C01 provides
testing solutions for 622 and 2488 Mb/s
telecom applications.
80C02 High-performance Telecom
Sampling Module – The 80C02 module
is optimized for testing of long-wavelength
(1100 to 1650 nm) signals at 9.953 Gb/s
(SONET OC-192/SDH STM-64). With its
high optical bandwidth of 30 GHz (typical),
it is also well-suited for general purpose,
high-performance optical component testing.
The 80C02 can be optionally configured
with clock recovery that supports
9.953 Gb/s telecom standards.
CSA/TDS8000B Series Sampling Oscilloscope
Optical Modules


Similar Part No. - 80C010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
80C000H45M100 MOLEX11-80C000H45M100 Datasheet
166Kb / 2P
Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Right Angle, 4 Poles,Length 4.0m (13.12 )
logo
TEKTRONIX, INC.
80C07B TEKTRONIX-80C07B Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
80C08D TEKTRONIX-80C08D Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - 80C010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
Optical receiver modules
2000 Apr 04
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
Optical receiver modules
2000 Apr 12
logo
JDS Uniphase Corporatio...
ONT-50 JDSU-ONT-50 Datasheet
2Mb / 4P
Optical Spectrum Analyzer Modules
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
PINFET optical receiver modules
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
Passive Optical Network Modules
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
LambdaDriver짰 Passive Optical Modules
EM316OSA-40DC21 MRV-EM316OSA-40DC21 Datasheet
942Kb / 4P
Optical Spectrum Analyzer (OSA) Modules
logo
OPLINK Communications I...
PONM OPLINK-PONM Datasheet
223Kb / 2P
Passive Optical Network Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com