Electronic Components Datasheet Search
  English  ▼

X  

ADUC831 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC831
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831 Datasheet(HTML) 1 Page - Analog Devices

  ADUC831 Datasheet HTML 1Page - Analog Devices ADUC831 Datasheet HTML 2Page - Analog Devices ADUC831 Datasheet HTML 3Page - Analog Devices ADUC831 Datasheet HTML 4Page - Analog Devices ADUC831 Datasheet HTML 5Page - Analog Devices ADUC831 Datasheet HTML 6Page - Analog Devices ADUC831 Datasheet HTML 7Page - Analog Devices ADUC831 Datasheet HTML 8Page - Analog Devices ADUC831 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002. All rights reserved.
ADuC831
FEATURES
ANALOG I/O
8-Channel, 247 kSPS 12-Bit ADC
DC Performance:
1 LSB INL
AC Performance: 71 dB SNR
DMA Controller for High Speed ADC-to-RAM Capture
2 12-Bit (Monotonic) Voltage Output DACs
Dual Output PWM/ - DACs
On-Chip Temperature Sensor Function
3 C
On-Chip Voltage Reference
Memory
62 kBytes On-Chip Flash/EE Program Memory
4 kBytes On-Chip Flash/EE Data Memory
Flash/EE, 100 Yr Retention, 100 kCycles Endurance
2304 Bytes On-Chip Data RAM
8051 Based Core
8051 Compatible Instruction Set (16 MHz Max)
12 Interrupt Sources, 2 Priority Levels
Dual Data Pointer
Extended 11-Bit Stack Pointer
On-Chip Peripherals
Time Interval Counter (TIC)
UART, I2C®, and SPI® Serial I/O
Watchdog Timer (WDT), Power Supply Monitor (PSM)
Power
Specified for 3 V and 5 V Operation
Normal, Idle, and Power-Down Modes
Power-Down: 20 A @ 3 V
APPLICATIONS
Optical Networking—Laser Power Control
Base Station Systems
Precision Instrumentation, Smart Sensors
Transient Capture Systems
DAS and Communications Systems
Pin compatible upgrade to existing ADuC812 systems
that require additional code or data memory. Runs
from 1 MHz–16 MHz to external crystal.
The ADuC832 is also available. Functionally is the same
as the ADuC831, except the ADuC832 runs from a 32 kHz
external crystal with on-chip PLL.
MicroConverter is a registered trademark and QuickStart is a trademark
of Analog Devices, Inc.
SPI is a registered trademark of Motorola, Inc.
I
2C is a registered trademark of Philips Corporation.
GENERAL DESCRIPTION
The ADuC831 is a fully integrated 247 kSPS data acquisition
system incorporating a high performance self-calibrating multi-
channel 12-bit ADC, dual 12-bit DACs, and programmable
8-bit MCU on a single chip.
The microcontroller core is an 8052, and therefore 8051-
instruction-set compatible with 12 core clock periods per machine
cycle. 62 kBytes of nonvolatile Flash/EE program memory are
provided on-chip. Four kBytes of nonvolatile Flash/EE data
memory, 256 bytes RAM and 2 kBytes of extended RAM are
also integrated on-chip.
The ADuC831 also incorporates additional analog functionality
with two 12-bit DACs, power supply monitor, and a band gap
reference. On-chip digital peripherals include two 16-bit
Σ-∆
DACs, dual output 16-bit PWM, watchdog timer, time interval
counter, three timers/counters, Timer 3 for baud rate generation
and serial I/O ports (I
2C, SPI and UART).
On-chip factory firmware supports in-circuit serial download and
debug modes (via UART), as well as single-pin emulation mode
via the EA pin. The ADuC831 is supported by QuickStart™ and
QuickStart Plus development systems featuring low cost software
and hardware development tools. A functional block diagram of
the ADuC831 is shown above with a more detailed block diagram
shown in Figure 1.
The part is specified for 3 V and 5 V operation over the extended
industrial temperature range, and is available in a 52-lead plastic
quad flatpack package and in a 56-lead chip scale package.
FUNCTIONAL BLOCK DIAGRAM
62 kBYTES FLASH/EE PROGRAM MEMORY
4 kBYTES FLASH/EE DATA MEMORY
2304 BYTES USER RAM
3
16 BIT TIMERS
1
REAL TIME CLOCK
PARALLEL
PORTS
8051-BASED MCU WITH ADDITIONAL
PERIPHERALS
ADuC831
XTAL2
XTAL1
TEMP
SENSOR
VREF
INTERNAL
BAND GAP
VREF
ADC0
ADC1
ADC5
ADC6
ADC7
OSC
12-BIT
DAC
DAC
PWM0
T/H
MUX
12-BIT ADC
HARDWARE
CALIBRATON
BUF
DAC
BUF
PWM1
12-BIT
DAC
16-BIT
-
DAC
16-BIT
-
DAC
16-BIT
PWM
16-BIT
PWM
POWER SUPPLY MON
WATCHDOG TIMER
UART, I2 C, AND SPI
SERIAL I/O
MUX
MicroConverter®, 12-Bit ADCs and DACs
with Embedded 62 kBytes Flash MCU


Similar Part No. - ADUC831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
More results

Similar Description - ADUC831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
4/03-Data Sheet changed from REV. 0 to REV. A.
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
11/03-Revision 0
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC842BSZ62-5 AD-ADUC842BSZ62-5 Datasheet
838Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842BSZ62-3 AD-ADUC842BSZ62-3 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC841 AD-ADUC841_15 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC842 AD-ADUC842_15 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC843 AD-ADUC843_15 Datasheet
908Kb / 88P
MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com