Electronic Components Datasheet Search
  English  ▼

X  

ADUC831 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUC831
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUC831 Datasheet HTML 17Page - Analog Devices ADUC831 Datasheet HTML 18Page - Analog Devices ADUC831 Datasheet HTML 19Page - Analog Devices ADUC831 Datasheet HTML 20Page - Analog Devices ADUC831 Datasheet HTML 21Page - Analog Devices ADUC831 Datasheet HTML 22Page - Analog Devices ADUC831 Datasheet HTML 23Page - Analog Devices ADUC831 Datasheet HTML 24Page - Analog Devices ADUC831 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
REV. 0
ADuC831
–21–
Table V. ADCCON3 SFR Bit Designations
Bit
Name
Description
ADCCON3.7 BUSY
The ADC Busy Status Bit (BUSY) is a read-only status bit that is set during a valid ADC conversion or
calibration cycle. Busy is automatically cleared by the core at the end of conversion or calibration.
ADCCON3.6 GNCLD
Gain Calibration Disable Bit
Set to “0” to Enable Gain Calibration.
Set to “1” to Disable Gain Calibration.
ADCCON3.5 AVGS1
Number of Averages Selection Bits
ADCCON3.4 AVGS0
This bit selects the number of ADC readings averaged during a calibration cycle.
AVGS1
AVGS0
Number of Averages
0
0
15
0
1
1
1
0
31
1
1
63
ADCCON3.3 RSVD
Reserved. This bit should always be written as “0.”
ADCCON3.2 RSVD
This bit should always be written as “1” by the user when performing calibration.
ADCCON3.1 TYPICAL
Calibration Type Select Bit.
This bit selects between Offset (zero-scale) and gain (full-scale) calibration.
Set to 0 for Offset Calibration.
Set to 1 for Gain Calibration.
ADCCON3.0 SCAL
Start Calibration Cycle Bit.
When set, this bit starts the selected calibration cycle. It is automatically cleared when the calibration
cycle is completed.
ADCCON3 – (ADC Control SFR #3)
The ADCCON3 register controls the operation of various calibra-
tion modes as well as giving an indication of ADC busy status.
SFR Address:
F5H
SFR Power-On Default Value:
00H
Bit Addressable:
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com