Electronic Components Datasheet Search
  English  ▼

X  

DAC-08ED Datasheet(PDF) 4 Page - NXP Semiconductors

Part # DAC-08ED
Description  8-bit high-speed multiplying D/A converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC-08ED Datasheet(HTML) 4 Page - NXP Semiconductors

  DAC-08ED Datasheet HTML 1Page - NXP Semiconductors DAC-08ED Datasheet HTML 2Page - NXP Semiconductors DAC-08ED Datasheet HTML 3Page - NXP Semiconductors DAC-08ED Datasheet HTML 4Page - NXP Semiconductors DAC-08ED Datasheet HTML 5Page - NXP Semiconductors DAC-08ED Datasheet HTML 6Page - NXP Semiconductors DAC-08ED Datasheet HTML 7Page - NXP Semiconductors DAC-08ED Datasheet HTML 8Page - NXP Semiconductors DAC-08ED Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product data
DAC-08 Series
8-bit high-speed multiplying D/A converter
2001 Aug 03
4
DC ELECTRICAL CHARACTERISTICS
Pin 3 must be at least 3 V more negative than the potential to which R15 is returned. VCC = ±15V , IREF = 2.0 mA.
Output characteristics refer to both IOUT and IOUT unless otherwise noted. Tamb = 0 °C to 70 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
DAC-08C
DAC-08E
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
Resolution
8
8
8
8
8
8
Bits
Monotonicity
8
8
8
8
8
8
Bits
Relative accuracy
Over temperature range
±0.39
±0.19
%FS
Differential non-linearity
±0.78
±0.39
%FS
TCIFS
Full-scale tempco
±10
±10
ppm/
°C
VOC
Output voltage compliance
Full-scale current change< 1/2LSB
–10
+18
–10
+18
V
IFS4
Full-scale current
VREF = 10.000V;
R14, R15=5.000 kΩ
1.94
1.99
2.04
1.94
1.99
2.04
mA
IFSS
Full-scale symmetry
IFS4-IFS2
±2.0
±16
±1.0
±8.0
µA
IZS
Zero-scale current
0.2
4.0
0.2
2.0
µA
IFSR
Full-scale output current
range
R14, R15=5.000 kΩ
range
VREF = +15.0 V, V– = –10 V
2.1
2.1
mA
VREF = +25.0 V, V– = –12 V
4.2
4.2
mA
Logic input levels
VLC = 0 V
VIL
Low
0.8
0.8
V
VIH
High
2.0
2.0
V
Logic input current
VLC = 0 V
IIL
Low
VIN = –10 V to +0.8 V
–2.0
–10
–2.0
–10
µA
IIH
High
VIN = 2.0 V to 18 V
0.002
10
0.002
10
µA
VIS
Logic input swing
V– = –15 V
–10
+18
–10
+18
V
VTHR
Logic threshold range
VS = ±15 V
–10
+13.5
–10
+13.5
V
I15
Reference bias current
–1.0
–3.0
–1.0
–3.0
µA
dl/dt
Reference input slew rate
4.0
8.0
4.0
8.0
mA/
µs
Power supply sensitivity
IREF = 1 mA
PSSIFS+
Positive
V+ = 4.5 to 5.5 V, V– = –15 V;
V+ = 13.5 to 16.5 V, V– = –15 V
0.0003
0.01
0.0003
0.01
%FS/%VS
PSIFS–
Negative
V– = –4.5 to –5.5 V, V+ = +15 V;
V– = –13.5 to –16.5 V, V+ = +15 V
0.002
0.01
0.002
0.01
%FS/%VS
Power supply current
I+
Positive
VS = ±5V IREF =1 0mA
3.1
3.8
3.1
3.8
mA
I–
Negative
VS = ±5 V, IREF = 1.0 mA
–4.3
–5.8
–4.3
–5.8
mA
I+
Positive
VS =+5V –15 V IREF =2 0mA
3.1
3.8
3.1
3.8
mA
I–
Negative
VS = +5 V, –15 V, IREF = 2.0 mA
–7.1
–7.8
–7.1
–7.8
mA
I+
Positive
VS = ±15 V IREF =2 0mA
3.2
3.8
3.2
3.8
mA
I–
Negative
VS = ±15 V, IREF = 2.0 mA
–7.2
–7.8
–7.2
–7.8
mA
±5 V, IREF = 1.0 mA
37
48
37
48
mW
PD
Power dissipation
+5 V, –15 V, IREF = 2.0 mA
122
136
122
136
mW
±15 V, IREF = 2.0 mA
156
174
156
174
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com