Electronic Components Datasheet Search
  English  ▼

X  

DAC-08ED Datasheet(PDF) 2 Page - NXP Semiconductors

Part # DAC-08ED
Description  8-bit high-speed multiplying D/A converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC-08ED Datasheet(HTML) 2 Page - NXP Semiconductors

  DAC-08ED Datasheet HTML 1Page - NXP Semiconductors DAC-08ED Datasheet HTML 2Page - NXP Semiconductors DAC-08ED Datasheet HTML 3Page - NXP Semiconductors DAC-08ED Datasheet HTML 4Page - NXP Semiconductors DAC-08ED Datasheet HTML 5Page - NXP Semiconductors DAC-08ED Datasheet HTML 6Page - NXP Semiconductors DAC-08ED Datasheet HTML 7Page - NXP Semiconductors DAC-08ED Datasheet HTML 8Page - NXP Semiconductors DAC-08ED Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product data
DAC-08 Series
8-bit high-speed multiplying D/A converter
2
2001 Aug 03
853-0045 26832
DESCRIPTION
The DAC-08 series of 8-bit monolithic multiplying Digital-to-Analog
Converters provide very high-speed performance coupled with low
cost and outstanding applications flexibility.
Advanced circuit design achieves 70 ns settling times with very low
glitch and at low power consumption. Monotonic multiplying
performance is attained over a wide 20-to-1 reference current range.
Matching to within 1 LSB between reference and full-scale currents
eliminates the need for full-scale trimming in most applications.
Direct interface to all popular logic families with full noise immunity is
provided by the high swing, adjustable threshold logic inputs.
Dual complementary outputs are provided, increasing versatility and
enabling differential operation to effectively double the peak-to-peak
output swing. True high voltage compliance outputs allow direct
output voltage conversion and eliminate output op amps in many
applications.
All DAC-08 series models guarantee full 8-bit monotonicity and
linearities as tight as 0.1% over the entire operating temperature
range. Device performance is essentially unchanged over the
±4.5 V
to
±18 V power supply range, with 37 mW power consumption
attainable at
±5 V supplies.
The compact size and low power consumption make the DAC-08
attractive for portable and military aerospace applications.
FEATURES
• Fast settling output current—70 ns
• Full-scale current prematched to ±1 LSB
• Direct interface to TTL, CMOS, ECL, HTL, PMOS
• Relative accuracy to 0.1% maximum over temperature range
• High output compliance –10 V to +18 V
• True and complemented outputs
• Wide range multiplying capability
• Low FS current drift — ±10ppm/°C
• Wide power supply range—±4.5 V to ±18 V
• Low power consumption—37 mW at ±5 V
APPLICATIONS
• 8-bit, 1 µs A-to-D converters
• Servo-motor and pen drivers
• Waveform generators
• Audio encoders and attenuators
• Analog meter drivers
• Programmable power supplies
• CRT display drivers
• High-speed modems
• Other applications where low cost, high speed and complete
input/output versatility are required
• Programmable gain and attenuation
• Analog-Digital multiplication
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
N Package
D1 Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
NOTE:
1. SO and non-standard pinouts.
VLC
IO
V–
IO
B1 (MSB)
B2
B3
B4
COMP
VREF–
VREF+
V+
B8 (LSB)
B7
B6
B5
V+
VREF+
VREF–
COMPEN
VLC
IO
V–
IO
B8 (LSB)
B7
B6
B5
B4
B3
B2
B1 (MSB)
TOP VIEW
TOP VIEW
SL00001
Figure 1. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com