Electronic Components Datasheet Search
  English  ▼

X  

ISP1102BS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1102BS
Description  Advanced Universal Serial Bus transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102BS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1102BS Datasheet HTML 9Page - NXP Semiconductors ISP1102BS Datasheet HTML 10Page - NXP Semiconductors ISP1102BS Datasheet HTML 11Page - NXP Semiconductors ISP1102BS Datasheet HTML 12Page - NXP Semiconductors ISP1102BS Datasheet HTML 13Page - NXP Semiconductors ISP1102BS Datasheet HTML 14Page - NXP Semiconductors ISP1102BS Datasheet HTML 15Page - NXP Semiconductors ISP1102BS Datasheet HTML 16Page - NXP Semiconductors ISP1102BS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Philips Semiconductors
ISP1102
Advanced USB transceiver
Product data
Rev. 03 — 02 September 2003
13 of 23
9397 750 11228
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
Characterized only, not tested. Limits guaranteed by design.
Driver timing
tPLH(drv)
driver propagation delay
(VPO, VMO to D+, D
−)
LOW-to-HIGH; see Figure 6
and Figure 9
--18
ns
tPHL(drv)
driver propagation delay
(VPO, VMO to D+, D
−)
HIGH-to-LOW; see Figure 6
and Figure 9
--18
ns
tPHZ
driver disable delay
(OE to D+, D
−)
HIGH-to-OFF; see Figure 7
and Figure 10
--15
ns
tPLZ
driver disable delay
(OE to D+, D
−)
LOW-to-OFF; see Figure 7
and Figure 10
--15
ns
tPZH
driver enable delay
(OE to D+, D
−)
OFF-to-HIGH; see Figure 7
and Figure 10
--15
ns
tPZL
driver enable delay
(OE to D+, D
−)
OFF-to-LOW; see Figure 7
and Figure 10
--15
ns
Receiver timings
Differential receiver
tPLH(rcv)
propagation delay
(D+, D
− to RCV)
LOW-to-HIGH; see Figure 8
and Figure 11
--15
ns
tPHL(rcv)
propagation delay
(D+, D
− to RCV)
HIGH-to-LOW; see Figure 8
and Figure 11
--15
ns
Single-ended receiver
tPLH(se)
propagation delay
(D+, D
− to VP/VPO,
VM/VMO)
LOW-to-HIGH; see Figure 8
and Figure 11
--18
ns
tPHL(se)
propagation delay
(D+, D
− to VP/VPO,
VM/VMO)
HIGH-to-LOW; see Figure 8
and Figure 11
--18
ns
Table 14:
Dynamic characteristics: analog I/O pins D+ and D
−…continued
VCC(5.0) = 4.0 to 5.5 V or Vreg(3.3) = 3.0 to 3.6 V; VCC(I/O) = 1.65 to 3.6 V; VGND = 0 V; see Table 8 for valid voltage level
combinations; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com