Electronic Components Datasheet Search
  English  ▼

X  

ISP1102BS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ISP1102BS
Description  Advanced Universal Serial Bus transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102BS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ISP1102BS Datasheet HTML 14Page - NXP Semiconductors ISP1102BS Datasheet HTML 15Page - NXP Semiconductors ISP1102BS Datasheet HTML 16Page - NXP Semiconductors ISP1102BS Datasheet HTML 17Page - NXP Semiconductors ISP1102BS Datasheet HTML 18Page - NXP Semiconductors ISP1102BS Datasheet HTML 19Page - NXP Semiconductors ISP1102BS Datasheet HTML 20Page - NXP Semiconductors ISP1102BS Datasheet HTML 21Page - NXP Semiconductors ISP1102BS Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Philips Semiconductors
ISP1102
Advanced USB transceiver
Product data
Rev. 03 — 02 September 2003
18 of 23
9397 750 11228
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
15. Packaging
The ISP1102W (HBCC16 package) is delivered on a Type A carrier tape, see
Figure 14. The tape dimensions are given in Table 15.
The reel diameter is 330 mm. The reel is made of polystyrene (PS) and is not
designed for use in a baking process.
The cumulative tolerance of 10 successive sprocket holes is
±0.02 mm. The camber
must not exceed 1 mm in 100 mm.
16. Soldering
16.1 Introduction to soldering surface mount packages
This text gives a very brief insight to a complex technology. A more in-depth account
of soldering ICs can be found in our
Data Handbook IC26; Integrated Circuit
Packages (document order number 9398 652 90011).
Fig 14. Carrier tape dimensions.
Table 15:
Type A carrier tape dimensions for the ISP1102W
Dimension
Value
Unit
A0
3.3
mm
B0
3.3
mm
K0
1.1
mm
P1
8.0
mm
W
12.0
±0.3
mm
idth
MLC338
Type B
Type A
B0
4
W
K0
A0
4
K0
A0
P1
B0
P1
elongated
sprocket hole
direction of feed
W
direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com