Electronic Components Datasheet Search
  English  ▼

X  

TLHO440 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TLHO440
Description  Suitable for DC and high peak current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO440 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TLHO440 Datasheet HTML 3Page - Vishay Siliconix TLHO440 Datasheet HTML 4Page - Vishay Siliconix TLHO440 Datasheet HTML 5Page - Vishay Siliconix TLHO440 Datasheet HTML 6Page - Vishay Siliconix TLHO440 Datasheet HTML 7Page - Vishay Siliconix TLHO440 Datasheet HTML 8Page - Vishay Siliconix TLHO440 Datasheet HTML 9Page - Vishay Siliconix TLHO440 Datasheet HTML 10Page - Vishay Siliconix TLHO440 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TLHR440., TLHO440., TLHY440., TLHG440.
www.vishay.com
Vishay Semiconductors
Rev. 3.1, 24-Mar-15
10
Document Number: 83006
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AMMOPACK (ending: Z)
Fig. 26 - Tape Direction
Note
• The new nomenclature for ammopack is e.g. ASZ only, without suffix for the LED orientation. The carton box has to be turned to the desired
position: “+” for anode first, or “-” for cathode first. AS12Z and AS21Z are still valid for already existing types, BUT NOT FOR NEW DESIGN.
TAPE DIMENSIONS in millimeters
OPTION
DIMENSION “H” ± 0.5 mm
DIMENSION “X” ± 0.5 mm
AS
17.3
-
MS
25.5
-
CS
22.0
-
BT
20.0
16.0
Tape feed direction
Diodes: cathode before anode
Transistors: collector before emitter
Label
Tape feed direction
94 8667-2
Diodes: anode before cathode
Transistors: emitter before collector
21885
Quantity per:
2000
Reel
(Mat.-no. 1764)
0.9 max.
Ø 4 ± 0.2
6.35 ± 0.7
12.7 ± 0.2
5.08 ± 0.7
12.7 ± 1
± 2
± 1
2.54
+ 0.6
- 0.1
Measure limit over 20 index-holes: ± 1
5.08
+ 0.6
- 0.1
3.81 ± 0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com