Electronic Components Datasheet Search
  English  ▼

X  

TLHO440 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHO440
Description  Suitable for DC and high peak current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO440 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHO440 Datasheet HTML 1Page - Vishay Siliconix TLHO440 Datasheet HTML 2Page - Vishay Siliconix TLHO440 Datasheet HTML 3Page - Vishay Siliconix TLHO440 Datasheet HTML 4Page - Vishay Siliconix TLHO440 Datasheet HTML 5Page - Vishay Siliconix TLHO440 Datasheet HTML 6Page - Vishay Siliconix TLHO440 Datasheet HTML 7Page - Vishay Siliconix TLHO440 Datasheet HTML 8Page - Vishay Siliconix TLHO440 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLHR440., TLHO440., TLHY440., TLHG440.
www.vishay.com
Vishay Semiconductors
Rev. 3.1, 24-Mar-15
2
Document Number: 83006
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.
≤ 0.5
TLHY4401
Yellow
2.5
10.5
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4401-AS12Z
Yellow
2.5
10.5
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4405
Yellow
6.3
11
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4405-AS12
Yellow
6.3
11
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4405-BT12Z
Yellow
6.3
11
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4405-MS12
Yellow
6.3
11
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4438
Yellow
6.3
-
20
10
583
-
590
10
-
2.4
3
20
GaAsP on GaP
TLHG4400
Green
2.5
13
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4400-MS12
Green
2.5
13
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4401
Green
4
14
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4405
Green
6.3
15
10
562
-
575
10
-
2.4
3
20
GaP on GaP
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLHR440., TLHO440., TLHY440., TLHG440., TLHP440.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
DC forward current
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
1A
Power dissipation
Tamb
≤ 60 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLHR440., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
TLHR4400
IV
1.6
13
-
mcd
TLHR4401
IV
2.5
14
-
mcd
TLHR4405
IV
6.3
15
-
mcd
TLHR4407
IV
4
-
12.5
mcd
Dominant wavelength
IF = 10 mA
λd
612
-
625
nm
Peak wavelength
IF = 10 mA
λp
-
635
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 30
-
deg
Forward voltage
IF = 20 mA
VF
-2
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com