Electronic Components Datasheet Search
  English  ▼

X  

TLRG440.CU Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLRG440.CU
Description  With current limiting resistor for 12 V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRG440.CU Datasheet(HTML) 1 Page - Vishay Siliconix

  TLRG440.CU Datasheet HTML 1Page - Vishay Siliconix TLRG440.CU Datasheet HTML 2Page - Vishay Siliconix TLRG440.CU Datasheet HTML 3Page - Vishay Siliconix TLRG440.CU Datasheet HTML 4Page - Vishay Siliconix TLRG440.CU Datasheet HTML 5Page - Vishay Siliconix TLRG440.CU Datasheet HTML 6Page - Vishay Siliconix TLRG440.CU Datasheet HTML 7Page - Vishay Siliconix TLRG440.CU Datasheet HTML 8Page - Vishay Siliconix TLRG440.CU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLRH440.CU, TLRO440.CU, TLRY440.CU, TLRG440.CU, TLRP440.CU
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 24-Apr-13
1
Document Number: 83044
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Resistor LED for 12 V Supply Voltage
DESCRIPTION
These devices are developed for the automotive industry
and other industries which use 12 V sources.
The TLR.440.CU series contains an integrated resistor for
current limiting in series with the LED chip. This allows the
lamp to be driven from a 12 V source without an external
current limiter.
Available colors are red, soft orange, yellow, green and pure
green. The luminous intensity of such an LED is measured at
constant voltage of 12 V.
These tinted diffused lamps provide a wide off-axis viewing
angle.
These LEDs are intended for space critical applications such
as automobile instrument panels, switches and others
which are driven from a 12 V source.
FEATURES
• With current limiting resistor for 12 V
• Cost effective: save space and resistor cost
• Standard Ø 3 mm (T-1) package
• Wide viewing angle
• Choice of five bright colors
• Luminous intensity categorized
• Yellow and green color categorized
• Luminous intensity and color are measured at
12 V
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Status light in cars and other applications with a 12 V
source
• Off/on indicator in cars and other applications with a 12 V
source
• Background illumination for switches
• Off/on indicator in switches
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm resistor
• Product series: standard
• Angle of half intensity: ± 30°
19228-1
VS
Out
19228-2
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at VS
(V)
WAVELENGTH
(nm)
at VS
(V)
FORWARD VOLTAGE
(V)
at VS
(V)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TLRH4400CU
Red
1.6
10
-
12
612
-
625
12
-
10
12
12
GaAsP on GaP
TLRO4400CU Soft orange
4
10
-
12
598
-
611
12
-
10
12
12
GaAsP on GaP
TLRY4400CU
Yellow
1.6
10
-
12
581
-
594
12
-
10
12
12
GaAsP on GaP
TLRG4400CU
Green
1.6
10
-
12
562
-
575
12
-
10
12
12
GaP on GaP
TLRP4400CU
Pure green
0.63
3
-
12
555
-
565
12
-
10
12
12
GaP on GaP
TLRP4406CU
Pure green
1.6
-
5
12
555
-
565
12
-
10
12
12
GaP on GaP
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) 
TLRH4400CU, TLRO4400CU, TLRY4400CU, TLRG4400CU, TLRP4400CU
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
Forward voltage
Tamb  65 °C
VF
16
V
Power dissipation
PV
240
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
150
K/W


Similar Part No. - TLRG440.CU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRG4400 VISHAY-TLRG4400 Datasheet
105Kb / 10P
Resistor LED for 12 V Supply Voltage
04-Feb-99
More results

Similar Description - TLRG440.CU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRG4420CU VISHAY-TLRG4420CU Datasheet
1Mb / 8P
Resistor LED for 12 V Supply Voltage
24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
With current limiting resistor for 12 V
24-Apr-13
logo
Lite-On Technology Corp...
LTL-4223-R1 LITEON-LTL-4223-R1 Datasheet
191Kb / 4P
Integral current limiting resistor LED
LTL-4223-R2 LITEON-LTL-4223-R2 Datasheet
191Kb / 4P
Integral current limiting resistor LED
LTL-4233-R1 LITEON-LTL-4233-R1 Datasheet
193Kb / 4P
Integral current limiting resistor LED
LTL-4233-R2 LITEON-LTL-4233-R2 Datasheet
182Kb / 4P
Integral current limiting resistor LED
LTL-4253-R1 LITEON-LTL-4253-R1 Datasheet
179Kb / 4P
Integral current limiting resistor LED
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200_V01 Datasheet
522Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
TLRE4406 VISHAY-TLRE4406_V01 Datasheet
111Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
logo
IDEC Corporation
AP8M222G IDEC-AP8M222G Datasheet
408Kb / 8P
Super Bright LEDs with built-in current-limiting resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com