Electronic Components Datasheet Search
  English  ▼

X  

TLRG440.CU Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLRG440.CU
Description  With current limiting resistor for 12 V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRG440.CU Datasheet(HTML) 3 Page - Vishay Siliconix

  TLRG440.CU Datasheet HTML 1Page - Vishay Siliconix TLRG440.CU Datasheet HTML 2Page - Vishay Siliconix TLRG440.CU Datasheet HTML 3Page - Vishay Siliconix TLRG440.CU Datasheet HTML 4Page - Vishay Siliconix TLRG440.CU Datasheet HTML 5Page - Vishay Siliconix TLRG440.CU Datasheet HTML 6Page - Vishay Siliconix TLRG440.CU Datasheet HTML 7Page - Vishay Siliconix TLRG440.CU Datasheet HTML 8Page - Vishay Siliconix TLRG440.CU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLRH440.CU, TLRO440.CU, TLRY440.CU, TLRG440.CU, TLRP440.CU
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 24-Apr-13
3
Document Number: 83044
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.  0.5.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Relative Forward Current vs. Ambient Temperature
Fig. 3 - Relative Forward Voltage vs. Ambient Temperature
Fig. 4 - Relative Luminous Intensity vs. Forward Voltage
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRP4400CU, TLRP4406CU, PURE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
TLRP4400CU
IV
0.63
3
-
mcd
TLRP4406CU
IV
1.6
-
5
mcd
Dominant wavelength
VS = 12 V
d
555
-
565
nm
Peak wavelength
VS = 12 V
p
-555
-
nm
Angle of half intensity
VS = 12 V
-± 30
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
620
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
0
2
4
6
8
10
12
14
16
18
20
2
6
10 12 14 16 18 20
VF - Forward Voltage (V)
95 11434
red
048
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Tamb - Ambient Temperature (°C)
95 11435
VS = 12 V
- 30
- 10
20
40
60
80
100
0
red
IF = 10 mA
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Tamb - Ambient Temperature (°C)
95 11436
- 30
- 10
20
40
60
80
100
0
red
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
8
10
12
14
16
VF - Forward Voltage (V)
95 11456
red
24
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com