Electronic Components Datasheet Search
  English  ▼

X  

L2702 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L2702
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L2702 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L2702 Datasheet HTML 1Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 2Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 3Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 4Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 5Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 6Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 7Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 8Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet (Preliminary)
Conexant Proprietary Information
Doc. No.100444A
December 21, 1999
SmartACFL
 Modem
V.90/K56flex
/V.34/V.32bis Modem Device Sets with Microcontroller (L2702),
Modem Data Pump (P9373), SmartDAA
 (20463), and Optional Voice Codec (20437)
for Low Power Applications
The Conexant
 SmartACFL V.90/K56flex Modem Device Set with SmartDAA
technology supports analog data up to 56 Kbps, analog fax to 14.4 Kbps,
telephone answering machine (TAM), V.80 synchronous access mode, on-
board DSVD, voice/speakerphone (optional), and cellular/GSM operation.
Serial, parallel, or PC Card host interface operation is supported depending on
the selected model (Table 1).
The modem supports ITU-T V.90/K56flex
, V.34 and V.32bis data
modulations and is designed to operate with dial-up telephone lines in the U.S.
and worldwide. PC Card and parallel host interface models also support analog
cellular direct connect and GSM direct connect. Low profile, small TQFP
packages and low voltage operation with low power consumption make this
device set ideal for laptop, notebook, and palmtop applications using the
parallel host or serial DTE interface with the MCU, or the PC Card interface
with the MCUP.
The SmartACFL device set consists of a Microcontroller (MCU or MCUP) in a
128-pin TQFP, a Modem Data Pump (MDP) in a 100-pin TQFP, and a Line
Side Device (LSD) (SmartDAA device) in a 32-pin TQFP. The optional Voice
Codec (VC), in a 32-pin TQFP, supports voice/full-duplex speakerphone
(FDSP) operation with interfaces to a microphone and speaker and to a
telephone handset/headset. Figure 1 identifies the major hardware signal
interfaces. The MCUP supports two peripheral channels, one channel for the
modem and a second channel for an optional user-defined function
(Function 2).
Conexant's SmartDAA technology (patent pending) eliminates the need for a
costly line transformer, relays, and opto-isolators typically used in discrete DAA
(Data Access Arrangement) implementations. The SmartDAA architecture also
simplifies product implementation by eliminating the need for country-specific
components enabling worldwide homologation of a single modem board design
and a single bill of materials (BOM).
The SmartDAA system-powered DAA operates reliably without drawing power
from the line, unlike line-powered DAAs that operate poorly when line current is
insufficient due to long lines or poor line conditions. Enhanced features, such
as monitoring of local extension status without going off-hook, are also
supported.
Incorporating Conexant’s proprietary Digital Isolation Barrier (DIB) design
(patent pending) and other innovative DAA features, the SmartDAA
architecture simplifies application design, minimizes layout area, and reduces
component cost.
Features
• V.90 data/V.17 fax modem
• SmartDAA technology
− System side powered DAA operates
under poor line current supply
conditions
− Wake-on-ring
− Ring detection
− Line polarity reversal detection
− Line current loss detection
− Pulse dialing
− Call waiting detection
− Digital PBX line protection
− Meets world-wide DC VI Masks
requirements
− Caller ID detection
• Data/Fax/Voice call discrimination
• Hardware-based modem controller
• Hardware-based digital signal
processor (DSP)
• Voice/full-duplex speakerphone mode
(S models)
• V.70 DSVD using optional RCDSVD
SCP (S models)
• World-wide operation
• Industry standard communication
commands
• Selectable parallel/serial interface with
speeds up to 230.4 kbps
− Parallel 16550A UART-compatible
interface
− Serial ITU-T V.24 (EIA/TIA-232-E)
• V.80 synchronous access mode
• Direct mode (serial interface)
• Synchronous data mode
(serial interface)
• V.22 bis fast connect
• Analog cellular direct connect
• GSM direct connect
• Sleep mode
• Thin packages support low profile
designs
• +3.3V operation with +5V tolerant
digital inputs


Similar Part No. - L2702

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L2701 POLYFET-L2701 Datasheet
53Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2701 POLYFET-L2701_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
More results

Similar Description - L2702

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
Single-Chip Modem Modem with UART
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
MODEM
logo
PHOENIX CONTACT
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
Modem - PSI-MODEM-BASIC/USB
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
Modem - PSI-MODEM-SHDSL/PB
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
Modem - PSI-MODEM/ETH
09/12/2020
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com