Electronic Components Datasheet Search
  English  ▼

X  

L2702 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L2702
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L2702 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L2702 Datasheet HTML 1Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 2Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 3Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 4Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 5Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 6Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 7Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 8Page - List of Unclassifed Manufacturers L2702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SmartACFL
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
2
Conexant
Doc. No. 100444A
Proprietary Information
Table 1. SmartACFL Modem Models and Functions
Model/Order/Part Numbers
Supported Functions
Marketing Name
Device Set
Order No.
MCU
[128-Pin
TQFP]
Part No.
MDP
[100-Pin
TQFP]
Part No.
LSD
[32-Pin
TQFP]
Part No.
Optional
Voice Codec
(VC)
[32-Pin TQFP]
Part No.
V.90/K56fle
x Data
V.34
Data
V.32 bis
Data,
V.17 Fax,
Fax Cl 1,
Fax Cl 2,
TAM,
W-W, V.80
Voice/
FDSP
SmartACFL/56S-PCC
DS56-L492-001
L2702-12
P9373-11
20463-11
20437-11
Y
Y
Y
Y
SmartACFL/56-PCC
DS56-L492-011
L2702-12
P9373-11
20463-11
—
Y
Y
Y
—
SmartACFL/56S
DS56-L492-021
L2702-15
P9373-11
20463-11
20437-11
Y
Y
Y
Y
SmartACFL/56
DS56-L492-031
L2702-15
P9373-11
20463-11
—
Y
Y
Y
—
Notes:
1. Model options:
S
Voice and speakerphone
PCC
PC Card host interface (serial DTE/parallel host if not PCC)
56
56 kbps max. rate per V.90
33
33.6 kbps max. rate per V.34
14
14.4 kbps max. rate per V.32bis
2. Supported functions (Y = Supported; — = Not supported):
TAM
Telephone answering machine support (handset support requires S model)
Fax Cl 1 and Cl 2
Fax Class 1 and Fax Class 2 support
FDSP
Full-duplex speakerphone
Revision History
Revision
Date
Comments
A
12/21/99
Initial public release of document
Copyright © Conexant Systems, Inc., 1999. All Rights Reserved.
Information in this document is provided in connection with Conexant Systems, Inc. ("Conexant") products. These materials are provided by
Conexant as a service to its customers and may be used for informational purposes only. Conexant assumes no responsibility for errors or
omissions in these materials. Conexant may make changes to specifications and product descriptions at any time, without notice. Conexant
makes no commitment to update the information contained herein. Conexant shall have no responsibility whatsoever for conflicts or
incompatibilities arising from future changes to its specifications and product descriptions.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in
Conexant’s Terms and Conditions of Sale for such products, Conexant assumes no liability whatsoever.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR IMPLIED, RELATING TO
SALE AND/OR USE OF CONEXANT PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A
PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL
PROPERTY RIGHT. Conexant further does not warrant the accuracy or completeness of the information, text, graphics or other items
contained within these materials. Conexant shall not be liable for any special, indirect, incidental, or consequential damages, including without
limitation, lost revenues or lost profits, which may result from the use of these materials.
Conexant products are not intended for use in medical, life saving or life sustaining applications. Conexant customers using or selling
Conexant products for use in such applications do so at their own risk and agree to fully indemnify Conexant for any damages resulting from
such improper use or sale.
The following are trademarks of Conexant Systems, Inc.: Conexant, the Conexant C symbol, “What’s Next in Communications Technologies”,
SmartDAA, SmartHSF, and Smart
ACFL. Product names or services listed in this publication are for identification purposes only, and may be
trademarks of third parties. Third-party brands and names are the property of their respective owners.
Reader Response: Conexant strives to produce quality documentation and welcomes your feedback. Please send
comments and suggestions to conexant.tech.pubs@conexant.com. For technical questions, contact your local Conexant
sales office or field applications engineer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com