Electronic Components Datasheet Search
  English  ▼

X  

SAC45 Datasheet(PDF) 2 Page - StarHope

Part # SAC45
Description  Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SAC45 Datasheet(HTML) 2 Page - StarHope

  SAC45 Datasheet HTML 1Page - StarHope SAC45 Datasheet HTML 2Page - StarHope SAC45 Datasheet HTML 3Page - StarHope SAC45 Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 2 of 4
SAC5.0
SAC6.0
SAC7.0
SAC8.0
SAC8.5
SAC10
SAC12
SAC15
SAC18
SAC22
SAC26
SAC30
SAC36
SAC45
SAC50
Electrical Characteristics
TABLE1
“ ”Stand for commonly used models
*
SAC
Part
Number
Stand-Off
Voltage
V
(V)
RWM
Minimum
Breakdown
Voltage
at I =1.0mA
T
Maximum
Reverse
Leakage
at VWM
Maximum
Clamping
Voltage
at I
=5.0A
PP
Maximum
Peak Pulse
Current
Per FIG.3
Maximum
Junction
Capacitance
at 0 Volts
Working
Inverse
Blocking
Voltage
Inverse
Blocking
Leakage
Current
Peak
Inverse
Blocking
Voltage
V
(V)
BR
I(uA)
R
V (V)
C
I
(A)
PP
C(pF)
J
V
(V)
WIB
I (mA)
IB
V(V)
PIB
5.0
6.0
7.0
8.0
8.5
10.0
12.0
15.0
18.0
22.0
26.0
30.0
36.0
45.0
50.0
7.60
7.90
8.33
8.89
9.44
11.10
13.30
16.70
20.00
24.40
28.90
33.30
40.00
50.00
55.50
300
300
300
100
50
5
1
1
1
1
1
1
1
1
1
10.0
11.2
12.6
13.4
14.0
16.3
19.0
23.6
28.8
35.4
42.3
48.6
60.0
77.0
88.0
44.0
41.0
38.0
36.0
34.0
29.0
25.0
20.0
15.0
14.0
11.1
10.0
8.6
6.8
5.8
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
75
75
75
75
75
75
75
75
75
75
75
75
75
150
150
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
*
SAC(500W) Series
Dimensions (DO-15)
DO-204AC(DO-15)
Dimensions in inches and(millimeters)
1.0 25.4
()
MIN.
0.300 7 6
(.)
0.230 5 8
(.)
1.0 25.4
()
MIN.
0.034 0.86
()
0.028 0.71
()
0.140 3 6
(.)
0.104 2 6
(.)
DIA.
DIA.
REV 2016 08 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com