Electronic Components Datasheet Search
  English  ▼

X  

SAC45 Datasheet(PDF) 3 Page - StarHope

Part # SAC45
Description  Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SAC45 Datasheet(HTML) 3 Page - StarHope

  SAC45 Datasheet HTML 1Page - StarHope SAC45 Datasheet HTML 2Page - StarHope SAC45 Datasheet HTML 3Page - StarHope SAC45 Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPSEMI
..
.
www.spsemi.cn
Page 3 of 4
Characteristic Curves (TA=25
unless otherwise noted)
℃
Fig.1 Peak Pulse Power Rating
Fig.2 Power Derating Curve
Fig.3 Pulse Waveform
Fig.4 AC Line Protection Application
0
0
1.0
2.0
4.0
3.0
10/1000 sec Waveform
μ.
as defined by R.E.A
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
T=25
J
℃
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
025
50
75
100 125 150 175 200
0
25
50
75
100
T -Lead Temperature(
)
L
℃
0.1
μs
10
μs
10ms
0.1
10
30
td - Pulse Width (sec.)
1
1.0
μs
100
μs
1.0m
s
Non-Repetitive Pulse
Waveform shown in Fig. 3
TA = 25 °C
td
td
td
P
P
P
Square
Half SINE
Exponentia
Peak Power
(single pulse)
Average Power
Low Capacitance
TVS
Application Note: Device must be used
with two units in parallel,opposite in polarity
as shown in circuit for AC signal line
protection.
Recommended Soldering Conditions
Recommended Conditions
Reflow Soldering
ts
tP
tL
Time
25
time to peak temperature
(t 25
to peak)
℃
T (min)
s
T (max)
s
TL
TP
Preheat
Ramp-down
Ramp-up
Critical Zone
Tto T
LP
Re”ow Condition
Pb-Free assembly
(see Fig.1)
Pre Heat
-Temperature Min(T
)
s(min)
-Temperature Max(T
)
s(max)
-Time(Min to Max)(t )
s
Average ramp up rate
(Liquidus Temp(T ) to peak)
L
T
to T -Ramp-up Rate
s(max)
L
Re”ow
-Temperature(T )(Liquidus)
L
-Temperature(t )
L
Peak Temp(T )
P
Time within 5
of actual Peak Temp(t )
℃
P
Ramp-down Rate
Time 25
to Peak Temp(T )
℃
P
Do not exceed
+150
℃
+200
℃
60-180secs
3
/sec.Max.
℃
3
/sec.Max.
℃
+217
℃
60-150secs
+260(+0/-5)
℃
30 secs.Max.
6
/sec.Max.
℃
8 min.Max.
+260
℃
SAC(500W) Series
REV 2016 08 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com