Electronic Components Datasheet Search
  English  ▼

X  

S4261 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # S4261
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4261 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button S4261 Datasheet HTML 3Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 4Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 5Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 6Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 7Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 8Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 9Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 10Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
S4242/S42WD42/S4261/S42WD61
7
2025 6.0 4/17/00
ENDURANCE AND DATA RETENTION
The S42xxx is designed for applications requiring
100,000 erase/write cycles and unlimited read cycles. It
provides 100 years of secure data retention, with or
without power applied, after the execution of 100,000
erase/write cycles.
Reset Controller Description
The S42xxx provides a precision RESET controller that
ensures correct system operation during brown-out and
power-up/-down conditions. It is configured with two open
drain RESET outputs; pin 7 is an active high output and
pin 2 is an active low output. For proper operation pin 7
should be tied low through a pull-down resistor while pin
2 should be tied high through a resistor connected to VCC.
During power-up, the RESET outputs remain active until
VCC reaches the VTRIP threshold and will continue driving
the outputs for tPURST (200 msec)after reaching VTRIP.
The RESET outputs will be valid so long as VCC is > 1.0V.
During power-down, the RESET outputs will begin driving
active when VCC falls below VTRIP.
The RESET pins are I/Os; therefore, the S42xxx can act
as a signal conditioning circuit for an externally applied
reset. The inputs are edge triggered; that is, the RESET
input will initiate a reset timeout after detecting a low to
high transition and the RESET# input will initiate a reset
timeout after detecting a high to low transition. Refer to the
applications information section for more details on de-
vice operation as a reset conditioning circuit.
Voltage Sensor Description
VSENSE is an auxiliary voltage detection circuit. Its thresh-
old is set at 1.25V and it generates a VLOW# output for an
under-voltage condition. Because the VLOW# output is
open-drain, it can be wire-ORed with the RESET# output
or tied directly to an IRQ input on a microcontroller.
PIN DESCRIPTIONS
Serial Clock (SCL) - The SCL input is used to clock data
into and out of the device. In the WRITE mode, data must
remain stable while SCL is HIGH. In the READ mode, data
is clocked out on the falling edge of SCL.
Serial Data (SDA) - The SDA pin is a bidirectional pin
used to transfer data into and out of the device. Data may
change only when SCL is LOW, except START and STOP
conditions. It is an open-drain output and may be wire-
ORed with any number of open-drain or open-collector
outputs.
RESET# - RESET# is an active low open-drain output. It
should be tied high through a pull-up resistor connected to
VCC. RESET# is an I/O, therefore it may also be used to
condition a RESET# signal generated by another device;
it can also be used to debounce a pushbutton input.
RESET - RESET is an active high open drain (PFET)
output. It should be tied low through a pull-down resistor
connected to ground. RESET is an I/O, therefore it may
also be used to condition a RESET signal generated by
another device.
VSENSE - The VSENSE input is used as a second voltage
sensing input. The pin is tied to a comparator that uses the
precision internal 1.25V reference.
VLOW# - VLOW# is an active low open drain output driven
low whenever VSENSE is below 1.25V. It is not a timed
output and only responds to the state of VSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com