Electronic Components Datasheet Search
  English  ▼

X  

S4261 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # S4261
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S4261 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  S4261 Datasheet HTML 1Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 2Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 3Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 4Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 5Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 6Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 7Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 8Page - Summit Microelectronics, Inc. S4261 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
S4242/S42WD42/S4261/S42WD61
2025 6.0 4/17/00
FIGURE 3. RESET OUTPUT TIMING
RESET CIRCUIT AC and DC ELECTRICAL CHARACTERISTICS
TA=-40°C to +85°C
Symbol
Parameter
Part no.
Min.
Typ.
Max.
Unit
Suffix
VTRIP
Reset Trip Point
A (or) Blank
4.250
4.375
4.5
V
B
4.50
4.625
4.75
V
2.7
2.7
2.9
3.10
V
tPURST
Reset Timeout
200
ms
tRPD
VTRIP to RESET Output Delay
5
µs
VRVALID
RESET Output Valid to VCC min. Guarantee
1
V
tGLITCH
Glitch Reject Pulse Width note 1
30
ns
VOLRS
RESET Output Low Voltage IOL = 1mA
0.4
V
VOHRS
RESET High Voltage Output IOH = 800µA
VCC-.75
V
VULH
VSENSE Under-voltage threshold low to high
1.20
1.25
1.30
V
VUHL
VSENSE Under-voltage threshold high to low
1.20
1.25
1.30
V
VOLH
VSENSE Over-voltage threshold low to high
1.20
1.25
1.30
V
VOHL
VSENSE Over-voltage threshold high to low
1.20
1.25
1.30
V
tVD1
Delay to VLOW Active
5
µs
tVD2
Delay to VLOW Released
5
µs
tWDTO
Watchdog timeout Period (S42WD61)
1600
ms
(S42WD42)
2025 PGM T5.2
VCC
VRVALID
VTRIP
tPURST
RESET
2025 T fig03 2.0
tGLITCH
tRPD
tPURST
tRPD
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com