Electronic Components Datasheet Search
  English  ▼

X  

TSB22U Datasheet(PDF) 1 Page - StarHope

Part # TSB22U
Description  TSB(480W) Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSB22U Datasheet(HTML) 1 Page - StarHope

  TSB22U Datasheet HTML 1Page - StarHope TSB22U Datasheet HTML 2Page - StarHope TSB22U Datasheet HTML 3Page - StarHope TSB22U Datasheet HTML 4Page - StarHope TSB22U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 1 of 5
Features
For surface mounted applications in order to optimize board space
Pb-free plated
Peak Power is 480W@1ms
ESD Rating of Class X (> 15 kV) (IEC6100-4-2)
Response Time is Typically<1 ns
Low profile package
Typical IR less than 1µA above 10V
Low inductance
Excellent clamping capability
AEC-Q101
TSB(480W) Series
Applications
I/O interface
AC/DC power supply
Low frequency signal transmission line (RS232, RS485, etc.)
Mechanical Characteristics
Case: JEDEC DO-214AC. Molded plastic over glass passivated junction
Terminal: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode) except Bidirectional
Standard Packaging: 12mm tape (EIA STD RS-481)
Weight: 0.002 ounce, 0.061 gram
Maximum Ratings And Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Pulse Power Dissipation on 10/1000µs waveform
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IFSM
TJ , TSTG
Minimum
480
-55 to
+150
50
Watts
Amps
℃
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
REV 2017
..03 01
.


Similar Part No. - TSB22U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB22 ETC1-TSB22 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Littelfuse
TSB222 LITTELFUSE-TSB222 Datasheet
563Kb / 2P
Time Delay Relays / TSB SERIES
2019 Rev: 121119
TSB223 LITTELFUSE-TSB223 Datasheet
563Kb / 2P
Time Delay Relays / TSB SERIES
2019 Rev: 121119
More results

Similar Description - TSB22U

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP20.241 PULS-CP20.241_18 Datasheet
1Mb / 32P
24V, 20A, 480W, SINGLE PHASE
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
24V, 20A, 480W, SINGLE PHASE
logo
ETA-USA
AOFD480 ETA-USA-AOFD480 Datasheet
1Mb / 2P
480W Din Rail Mount
logo
PHOENIX CONTACT
107888 PHOENIX-107888 Datasheet
815Kb / 28P
UNO2-PS/1AC/24DC/480W
2020-02-14
logo
Weidmuller
2838480000 WEIDMULLER-2838480000 Datasheet
744Kb / 5P
PRO BAS 480W 24V 20A
2838490000 WEIDMULLER-2838490000 Datasheet
745Kb / 5P
PRO BAS 480W 48V 10A
logo
Littelfuse
TSB LITTELFUSE-TSB Datasheet
563Kb / 2P
Time Delay Relays / TSB SERIES
2019 Rev: 121119
logo
Lapp.
19114000 LAPP-19114000 Datasheet
128Kb / 2P
EPIC® H-B 24 TSB
17.09.2018
logo
Inventronics Inc.
DS-ESD-480SXXXDT INVENTRONICS-DS-ESD-480SXXXDT Datasheet
880Kb / 14P
480W Programmable IP67 Driver
Rev. D
DS-ESD-480SXXXDV INVENTRONICS-DS-ESD-480SXXXDV Datasheet
711Kb / 13P
480W Programmable IP67 Driver
Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com