Electronic Components Datasheet Search
  English  ▼

X  

TSB22U Datasheet(PDF) 3 Page - StarHope

Part # TSB22U
Description  TSB(480W) Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSB22U Datasheet(HTML) 3 Page - StarHope

  TSB22U Datasheet HTML 1Page - StarHope TSB22U Datasheet HTML 2Page - StarHope TSB22U Datasheet HTML 3Page - StarHope TSB22U Datasheet HTML 4Page - StarHope TSB22U Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
瞬 雷 电 子
S P S E M I
www.spsemi.cn
Page 3 of 5
TSB(480W) Series
Ratings And Characteristic Curves
Fig.1 Peak Pulse Power Rating
Fig.2 Pulse Derating Cruve
I-V Curve Characteristics
Uni-directional
Bi-directional
IPP
IR
IT
VC VBR VRWM
IPP
IR
IT
VC
VBR
VRWM
V
IPP
IR
IT
VC VBR VRWM
VF
V
Fig.3 Pulse Waveform
Fig.4 Typical Junction Capacitance
0
0
1.0
2.0
4.0
3.0
10/1000
μsec.Waveform
as defined by R.E.A
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
TJ=25℃
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
td
0
25
50
75
100 125 150 175 200
0
25
50
75
100
TA-Ambient Temperature(℃)
0.2×0.2"(5.0×5.0mm)
Copper Pad Areas
1
10
100
10
100
1000
10000
VWM-Reverse Stand-off Voltage(V)
Bi-Directional
Uni-Directional
TJ=25℃
f=1.0MHZ
Vsig=50mVp-p
Measured at
Stand-off
Voltage,VWM
200
0.1
μs
10
μs
10ms
0.1
10
100
td - Pulse Width (sec.)
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
1
1.0
μs
100
μs 1.0ms
REV 2017
..03 01
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com